Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MD481212XD Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # 6MD481212XD
Description  6W, FIXED INPUT ISOLATED REGULATED TWIN OUTPUT DIP24 DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

6MD481212XD Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  6MD481212XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 6MD481212XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 6MD481212XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6M
6MD-
D-X
XD
D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
PRODUCT
PRODUCT PROGRAM
PROGRAM
Part
Number
Input
Output
Efficiency
(%,Typ)
Voltage(VDC)
No-load
Current
(mA,Typ)
Voltage
(VDC)
Current(MA)
Nomina
l
Range
Max*
Max
Min.
6MD120505XD
12
10.8-13.2
15
25
5/5
600/600
60/60
76
6MD120707XD
12
10.8-13.2
15
25
7.2/7.2
417/417
42/42
79
6MD120909XD
12
10.8-13.2
15
25
9/9
333/333
33/33
78
6MD121212XD
12
10.8-13.2
15
25
12/12
250/250
25/25
80
6MD121515XD
12
10.8-13.2
15
25
15/15
200/200
20/20
81
6MD122424XD
12
10.8-13.2
15
25
24/24
125/125
13/13
82
6MD240505XD
24
21.6-26.4
30
15
5/5
600/600
60/60
76
6MD240512XD
24
21.6-26.4
30
15
5/12
600/250
60/25
77
6MD241212XD
24
21.6-26.4
30
15
12/12
250/250
25/25
80
6MD241515XD
24
21.6-26.4
30
15
15/15
200/200
20/20
79
6MD242405XD
24
21.6-26.4
30
15
24/05
125/600
13/60
81
6MD242424XD
24
21.6-26.4
30
15
24/24
125/125
13/13
81
6MD480505XD
48
43.2-52.5
60
10
5/5
600/600
60/60
76
6MD480512XD
48
43.2-52.5
60
10
5/12
600/250
60/25
78
6MD480909XD
48
43.2-52.5
60
10
9/9
333/333
33/33
78
6MD481212XD
48
43.2-52.5
60
10
12/12
250/250
25/25
80
6MD481515XD
48
43.2-52.5
60
10
15/15
200/200
20/20
81
6MD482424XD
48
43.2-52.5
60
10
24/24
125/125
13/13
82
*Input voltage can't exceed this value, or will cause the permanent damage.
MODEL
MODEL SELECTION
SELECTION
6
6M
MD
D12
1205
0505
05X
XD
D
Product Series
Input Voltage
1st Output Voltage
2nd Output Voltage
Fixed Input Range
DIP24Package Style
MICRODC R ESERVES THE COPYRIGHT
6W, FIXED INPUT ISOLATED & REGULATED TWIN OUTPUT DIP24 DC-DC CONVERTER
FEATURES
FEATURES
Fixed input voltage range
Twin output
Operating temperature: -40℃ to + 85℃
UL94-V0 package
No external component required
Industry standard pin out
Short circuit protection(automatic recovery)
Five-sided metal shielding
MTBF>1,000,000 hours
No heat sink required
RoHS Compliance
APPLICATIONS
APPLICATIONS
The
6MD-XD
series
are
specially
designed
for
applications where a wide range input voltage power
supplies are isolated from the input power supply in a
distributed power supply system on a circuit board.
These products apply to:
1)Where the voltage of the input power supply is fixed
voltage range;
2)Where isolation is necessary between input and
output (Isolation Voltage≤1500VDC);
3)Where isolation is necessary between Vout1 and
Vout2 (Isolation Voltage≤1000VDC);
4)Where the regulation of the output voltage and the
output ripple noise are demanded.
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage Temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free Air Convection
Case Material
Plastic (UL94-V0)
Short circuit protection
Continuous, Automatic Recovery
MTBF
1000
K hours
Weight
15
g
PRODUCT
PRODUCT ID
ID DESCRIPTION
DESCRIPTION


Similar Part No. - 6MD481212XD

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
6MD2 SWITCH-6MD2 Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
More results

Similar Description - 6MD481212XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E-XSR MICRODC-E-XSR Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IE-XS-2W MICRODC-IE-XS-2W Datasheet
719Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB-XS-2W MICRODC-IB-XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IE-XS-1W MICRODC-IE-XS-1W Datasheet
680Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
IB0505XS-2W MICRODC-IB0505XS-2W Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IF-XS-1W MICRODC-IF-XS-1W Datasheet
583Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com