Electronic Components Datasheet Search |
|
5QA0303XMD Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd |
|
5QA0303XMD Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd |
1 / 3 page 5QA-XD&5QB-XD Series Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 1 of 3 SELECTION SELECTION GUIDE GUIDE Order code Input Voltage (V) Output Voltage (V) Output Current (MA) Efficiency (%) 5QB0303XD 3.3 3.3 378 70 5QB0503XD 5 3.3 378 70 5QB0903XD 9 3.3 378 70 5QB1203XD 12 3.3 378 70 5QB1503XD 15 3.3 378 70 5QB2403XD 24 3.3 378 70 5QB0305XD 3.3 5 250 70 5QB0505XD 5 5 250 70 5QB0905XD 9 5 250 70 5QB1205XD 12 5 250 70 5QB1505XD 15 5 250 70 5QB2405XD 24 5 250 70 5QB0309XD 3.3 9 140 78 5QB0509XD 5 9 140 78 5QB0909XD 9 9 140 78 5QB1209XD 12 9 140 78 5QB1509XD 15 9 140 78 5QB2409XD 24 9 140 78 5QB0312XD 3.3 12 104 79 5QB0512XD 5 12 104 79 5QB0912XD 9 12 104 79 5QB1212XD 12 12 104 79 5QB1512XD 15 12 104 79 5QB2412XD 24 12 104 79 5QB0315XD 3.3 15 84 80 5QB0515XD 5 15 84 80 5QB0915XD 9 15 84 80 5QB1215XD 12 15 84 80 5QB1515XD 15 15 84 80 5QB2415XD 24 15 84 80 5QB0324XD 3.3 24 52 80 5QB0524XD 5 24 52 80 5QB0924XD 9 24 52 80 5QB1224XD 12 24 52 80 5QB1524XD 15 24 52 80 5QB2424XD 24 24 52 80 All specif cations typical at TA=25 ° C, nominal input voltage and rated output current unless otherwise specif ed. All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified. MODEL MODEL SELECTION SELECTION 5Q 5QB B ① 05 05 ②05 05 ③X X ④ D D ⑤ ① Product Series ② Input Voltage ③ Output Voltage ④ Fixed Input ⑤ DIP8 Package style MICRODC R ESERVES THE COPYRIGHT Isolated 1.25W Dual&Single Output DC-DC Converters FEATURES FEATURES ◆ Industry Standard Pinout ◆ 1kVDC & 2kVDC Isolation ◆ Operating Temperature: -40℃~﹢85℃ ◆ High efficiency up to 80% ◆ No Heatsink Required ◆ Internal SMD construction ◆ Power density up to 0.85W/cm3 ◆ No Extern. Components Required ◆ 5V,9V,12V and 15V output ◆ No heatsink required ◆ Custom Solutions Available ◆ UL 94V-0 package material ◆ No external components required ◆ Industry standard pinout ◆ Power sharing on output ◆ MTTF up to 3.4 million hours APPLICATIONS APPLICATIONS The 5QA-XD & 5QB-XD series of DC/DC converters is particularly suited to isolating and/or converting DC power rails. The galvanic isolation allows the device to be configured to provide an isolated negative rail in systems where only positive rails exist. The wide temperature range guarantees startup from -40°C and full 1.25 watt output at 85°C. For lower ripple,refer to output ripple reduction section. |
Similar Description - 5QA0303XMD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |