Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1212XS Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # A1212XS
Description  Isolated 1W Dual Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A1212XS Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  A1212XS Datasheet HTML 1Page - Microdc power Technology Co., Ltd A1212XS Datasheet HTML 2Page - Microdc power Technology Co., Ltd A1212XS Datasheet HTML 3Page - Microdc power Technology Co., Ltd A1212XS Datasheet HTML 4Page - Microdc power Technology Co., Ltd A1212XS Datasheet HTML 5Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A
A-X
-XD&A-XS
D&A-XS Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 5
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
Isolation
Capacitance
MTTF1
Voltage(VDC)
Current (mA)
Voltage
(VDC)
Current
(mA)
(%.Typ.)
Nominal
MAX
pF
KHrs
A0505XS
5
289
±5
±100
69
28
3103
A0509XS
5
267
±9
±55
75
32
2257
A0512XS
5
260
±12
±42
77
34
1579
A0515XS
5
256
±15
±33
78
36
1065
A1205XS
12
120
±5
±100
69
33
2193
A1209XS
12
113
±9
±55
74
46
1734
A1212XS
12
111
±12
±42
75
55
1303
A1215XS
12
110
±15
±33
76
54
932
A1505XS
15
91
±5
±100
71
39
1941
A1512XS
15
87
±12
±42
78
68
790
A2412XS
24
52
±12
±42
80
65
134
A2415XS
24
52
±15
±33
80
95
101
A4805XS
48
30
±5
±100
70
26
206
A4809XS
48
26
±9
±55
80
38
174
A4812XS
48
26
±12
±42
80
52
139
A4815XS
48
26
±15
±33
80
56
104
A0505XD
5
289
±5
±100
69
28
3103
A0509XD
5
267
±9
±55
75
32
2257
A0512XD
5
260
±12
±42
77
34
1579
A0515XD
5
256
±15
±33
78
36
1065
A1205XD
12
120
±5
±100
69
33
2193
A1209XD
12
113
±9
±55
74
46
1734
A1212XD
12
111
±12
±42
75
55
1303
A1215XD
12
110
±15
±33
76
54
932
A1505XD
15
91
±5
±100
71
39
1941
A1512XD
15
87
±12
±42
78
68
790
A2412XD
24
52
±12
±42
80
65
134
A2415XD
24
52
±15
±33
80
95
101
A4805XD
48
30
±5
±100
70
26
206
A4809XD
48
26
±9
±55
80
38
174
A4812XD
48
26
±12
±42
80
52
139
A4815XD
48
26
±15
±33
80
56
104
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
MODEL
MODEL SELECTION
SELECTION
A
A
05
05
05
05
X
X
S
S
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP Package
MICRODC R ESERVES THE COPYRIGHT
Isolated 1W Dual Output DC/DC Converters
FEATURES
FEATURES
Footprint from 1.17cm2
I/O isolation voltage 1000VDC
Operating Temperature: -40℃~﹢85℃
High efficiency up to 80%
Fully encapsulated toroidal magnetics
Internal SMD construction
Power density up to 0.85W/cm3
No electrolytic or tantalum capacitors
5V,9V,12V and 15V output
No heatsink required
Dual output from a single input rail
UL 94V-0 package material
No external components required
Industry standard pinout
Power sharing on output
MTTF up to 3.1 million hours
APPLICATIONS
APPLICATIONS
The A-X(S)D series of industrial temperature
range DC/DC converters are the standard
building blocks for on-board distributed power
systems.They are ideally suited for providing
dual rail supplies on primarily digital boards with
the added benefit of galvanic isolation to reduce
switching noise.All of the rated power may be
drawn from a single pin provided the total load
does not exceed 1 Watt.
Input
Input Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation,5V input
4.5
5
5.5
VDC
Continuous operation,12V input
10.8
12
13.2
VDC
Continuous operation, 15V input
13.5
15
16.5
VDC
Continuous operation,24V input
21.6
24
26.4
VDC
Continuous operation,48V input
43.2
48
52.8
VDC
Reflected ripple current
20
40
mA p-p
Absolute
Absolute Maximum
Maximum Ratings
Ratings
Parameter
Conditions
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
450mW
Input voltage V , A05 types
7V
Input voltage Vin, A12 types
15V
Input voltage Vin, A15 types
18V
Input voltage Vin, A24 types
28V
Input voltage Vin, A48 types
54V


Similar Part No. - A1212XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A1212XS-2W MICRODC-A1212XS-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - A1212XS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
   1W 3KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com