Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1218XES Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # H1218XES
Description  Isolated 2W Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

H1218XES Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  H1218XES Datasheet HTML 1Page - Microdc power Technology Co., Ltd H1218XES Datasheet HTML 2Page - Microdc power Technology Co., Ltd H1218XES Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
2B-XES&
B-XES&2
2F-XES&
F-XES&2
2H-XES
H-XES
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output Current
max(MA)
Capacitive
load,max
(μF)
Efficiency
(%)
2B0503XES
4.5-5.5
3.3
600
470
64
2B0505XES
4.5-5.5
5
400
470
66
2B0507XES
4.5-5.5
7.2
278
470
64
2B0509XES
4.5-5.5
9
222
470
66
2B0512XES
4.5-5.5
12
167
470
70
2B0515XES
4.5-5.5
15
134
470
70
2B0518XES
4.5-5.5
18
111
470
67
2B0524XES
4.5-5.5
24
83
470
68
2B1203XES
10.8-13.2
3.3
600
470
64
2B1205XES
10.8-13.2
5
400
470
66
2B1207XES
10.8-13.2
7.2
278
470
63
2B1209XES
10.8-13.2
9
222
470
66
2B1212XES
10.8-13.2
12
167
470
70
2B1215XES
10.8-13.2
15
134
470
70
2B1218XES
10.8-13.2
18
111
470
66
2B1224XES
10.8-13.2
24
83
470
68
2B2403XES
21.6-26.4
3.3
600
470
54
2B2405XES
21.6-26.4
5
400
470
64
2B2407XES
21.6-26.4
7.2
278
470
63
2B2409XES
21.6-26.4
9
222
470
64
2B2412XES
21.6-26.4
12
167
470
68
2B2415XES
21.6-26.4
15
134
470
68
2B2418XES
21.6-26.4
18
111
470
68
2B2424XES
21.6-26.4
24
83
470
70
Input/Output
Input/Output Isolation
Isolation 3000VDC
3000VDC
2F0503XES
4.5-5.5
3.3
600
470
64
2F0505XES
4.5-5.5
5
400
470
66
2F0507XES
4.5-5.5
7.2
278
470
64
2F0509XES
4.5-5.5
9
222
470
66
2F0512XES
4.5-5.5
12
167
470
70
2F0515XES
4.5-5.5
15
134
470
70
2F0518XES
4.5-5.5
18
111
470
67
2F0524XES
4.5-5.5
24
83
470
68
2F1203XES
10.8-13.2
3.3
600
470
64
2F1205XES
10.8-13.2
5
400
470
66
2F1207XES
10.8-13.2
7.2
278
470
63
2F1209XES
10.8-13.2
9
222
470
66
2F1212XES
10.8-13.2
12
167
470
70
2F1215XES
10.8-13.2
15
134
470
70
2F1218XES
10.8-13.2
18
111
470
66
2F1224XES
10.8-13.2
24
83
470
68
2F2403XES
21.6-26.4
3.3
600
470
64
2F2405XES
21.6-26.4
5
400
470
64
2F2407XES
21.6-26.4
7.2
278
470
63
2F2409XES
21.6-26.4
9
222
470
64
2F2412XES
21.6-26.4
12
167
470
68
2F2415XES
21.6-26.4
15
134
470
68
2F2418XES
21.6-26.4
18
111
470
68
2F2424XES
21.6-26.4
24
83
470
70
Input/Output Isolation 6000VDC
2H0503XES
4.5-5.5
3.3
600
470
53
2H0505XES
4.5-5.5
5
400
470
66
2H0507XES
4.5-5.5
7.2
278
470
64
2H0509XES
4.5-5.5
9
222
470
66
MODEL
MODEL SELECTION
SELECTION
2
2B
B
24
24
05
05
X
X
ES
ES
Product Series
Input Voltage
Output Voltage
Fixed Input
EXTEND SIP
MICRODC R ESERVES THE COPYRIGHT
Isolated 2W Single Output DC/DC Converters
FEATURES
FEATURES
RoHS compliant
12 Pin SIP Package
Low ripple and noise
High efficiency up to 70%
Operating temperature -40℃ to+85℃
Input/Output Isolation 1000 , 3000 or 6000VDC
Pin compatible with multiple manufacturers
APPLICATIONS
APPLICATIONS
1. Datasheets are updated as needed and as such,
specifications are subject to change without notice. Once
printed or downloaded, datasheets are no longer controlled
by Microdc; refer to www.microdc.cn for the most current
product specifications.
2. Product
labels
shown,
including
safety
agency
certifications on labels, may vary based on the date
manufactured.
3. Mechanical drawings and specifications are for
reference only.
4. All specifications are measured at an ambient
temperature of 25°C, humidity<75%,nominal input voltage
and at rated output load unless otherwise specified.
5. Microdc may not have conducted destructive testing or
chemical analysis on all internal components and
chemicals at the time of publishing this document.
CAS
numbers and other limited information are considered
proprietary and may not be available for release.
6. This product is not designed for use in critical life support
systems, equipment used in hazardous environments,
nuclear control systems or other such applications which
necessitate specific safety and regulatory standards other
the ones listed in this datasheet.
7. Warranty is in accordance with Microdc’s sandard Terms
of Sale available at www.microdc.cn.


Similar Part No. - H1218XES

ManufacturerPart #DatasheetDescription
logo
Littelfuse
H121001 LITTELFUSE-H121001 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
H121002 LITTELFUSE-H121002 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
H121004 LITTELFUSE-H121004 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
logo
MORNSUN Science& Techno...
H1212D-1W MORNSUN-H1212D-1W Datasheet
130Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
H1212D-2W MORNSUN-H1212D-2W Datasheet
138Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - H1218XES

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XNM MICRODC-2B-XNM Datasheet
655Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMG0505SC MURATA-PS-NMG0505SC Datasheet
840Kb / 7P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com