Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5QA0505XMD Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # 5QA0505XMD
Description  Isolated 1.25W Dual&Single Output DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

5QA0505XMD Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  5QA0505XMD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 5QA0505XMD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 5QA0505XMD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5QA-XD&5QB-XD Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
Temperature
Temperature derating
derating graph
graph
Tolerance
Tolerance envelope
envelope
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Efficiency
(%)
5QA0303XMD
3.3
±
3.3
±
189
70
5QA0503XMD
5
±
3.3
±
189
70
5QA0903XMD
9
±
3.3
±
189
70
5QA1203XMD
12
±
3.3
±
189
70
5QA1503XMD
15
±
3.3
±
189
70
5QA2403XMD
24
±
3.3
±
189
70
5QA0305XMD
3.3
±
5
±
125
70
5QA0505XMD
5
±
5
±
125
70
5QA0905XMD
9
±
5
±
125
70
5QA1205XMD
12
±
5
±
125
70
5QA1505XMD
15
±
5
±
125
70
5QA2405XMD
24
±
5
±
125
70
5QA0309XMD
3.3
±
9
±
70
75
5QA0509XMD
5
±
9
±
70
75
5QA0909XMD
9
±
9
±
70
75
5QA1209XMD
12
±
9
±
70
75
5QA1509XMD
15
±
9
±
70
75
5QA2409XMD
24
±
9
±
70
75
5QA0312XMD
3.3
±
12
±
52
78
5QA0512XMD
5
±
12
±
52
78
5QA0912XMD
9
±
12
±
52
78
5QA1212XMD
12
±
12
±
52
78
5QA1512XMD
15
±
12
±
52
78
5QA2412XMD
24
±
12
±
52
78
5QA0315XMD
3.3
±
15
±
42
80
5QA0515XMD
5
±
15
±
42
80
5QA0915XMD
9
±
15
±
42
80
5QA1215XMD
12
±
15
±
42
80
5QA1515XMD
15
±
15
±
42
80
5QA2415XMD
24
±
15
±
42
80
5QA0324XMD
3.3
±
24
±
26
80
5QA0524XMD
5
±
24
±
26
80
5QA0924XMD
9
±
24
±
26
80
5QA1224XMD
12
±
24
±
26
80
5QA1524XMD
15
±
24
±
26
80
5QA2424XMD
24
±
24
±
26
80
5QAll speciffications typical at TA=25°C, nominal input voltage and rated output current unless otherwise speciffied.


Similar Description - 5QA0505XMD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMXD1215UC MURATA-NMXD1215UC Datasheet
176Kb / 3P
   Isolated 5W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CMR MURATA-PS-CMR Datasheet
297Kb / 11P
   Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com