Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2412XD Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part # A2412XD
Description  Isolated 1W Dual Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A2412XD Datasheet(HTML) 4 Page - Microdc power Technology Co., Ltd

  A2412XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd A2412XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd A2412XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd A2412XD Datasheet HTML 4Page - Microdc power Technology Co., Ltd A2412XD Datasheet HTML 5Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
A-X
-XD&A-XS
D&A-XS Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 5
Recommended
Recommended footprint
footprint details
details
14
14 PIN
PIN DIP
DIP Package
Package
7
7 PIN
PIN SIP
SIP Package
Package
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIP
DIP Package
Package
SIP
SIP Package
Package
All
All dimensions
dimensions in
in inches
inches ±
±0.01(mm
0.01(mm±
±0.25mm).All
0.25mm).All pins
pins on
on a
a 0.1(2.54)
0.1(2.54) pitch
pitch and
and within
within ±
±0.01(0.25)of
0.01(0.25)of true
true position.
position.
Weight: 2.4g (DIP) 2.1g (SIP)
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
-14
-14 PIN
PIN DIP
DIP
-7
-7 PIN
PIN SIP
SIP
P
Pin
in
Function
Function
P
Pin
in
F
Function
unction
1
1
-Vin
1
1
+Vin
7
7
NC
2
2
-Vin
8
8
0V
4
4
-Vout
9
9
+Vout
5
5
0V
11
11
-Vout
6
6
+Vout
14
14
+Vin
NC - Not available for electrical connection.
Specifcations can be changed any time without notice.
No parallel connection or plug and play.
Note:
1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.


Similar Part No. - A2412XD

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A2412XD-1W MORNSUN-A2412XD-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
A2412XD-2W MICRODC-A2412XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - A2412XD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
   1W 3KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com