Electronic Components Datasheet Search |
|
3H1212XESR Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd |
|
3H1212XESR Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd |
1 / 2 page 3 3B-XES B-XESR R& &3 3F-XES F-XESR R& &3 3H-XES H-XESR R Series Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 1 of 2 MODELS MODELS Single Single output output Models Input Voltage Ouput Voltage Ouput Current max. Isolation 1000VDC Isolation 3000VDC Isolation 6000VDC 3B0503XESR 3F0503XESR 3H0503XESR 5V±10% 3.3VDC 800mA 3B0505XESR 3F0505XESR 3H0505XESR 5VDC 600mA 3B0507XESR 3F0507XESR 3H0507XESR 7.2VDC 417mA 3B0509XESR 3F0509XESR 3H0509XESR 9VDC 333mA 3B0512XESR 3F0512XESR 3H0512XESR 12VDC 250mA 3B0515XESR 3F0515XESR 3H0515XESR 15VDC 200mA 3B0518XESR 3F0518XESR 3H0518XESR 18VDC 167mA 3B0524XESR 3F0524XESR 3H0524XESR 24VDC 125mA 3B1203XESR 3F1203XESR 3H1203XESR 12V±10 % 3.3VDC 800mA 3B1205XESR 3F1205XESR 3H1205XESR 5VDC 600mA 3B1207XESR 3F1207XESR 3H1207XESR 7.2VDC 417mA 3B1209XESR 3F1209XESR 3H1209XESR 9VDC 333mA 3B1212XESR 3F1212XESR 3H1212XESR 12VDC 250mA 3B1215XESR 3F1215XESR 3H1215XESR 15VDC 200mA 3B1218XESR 3F1218XESR 3H1218XESR 18VDC 167mA 3B1224XESR 3F1224XESR 3H1224XESR 24VDC 125mA 3B2403XESR 3F2403XESR 3H2403XESR 24V±10 % 3.3VDC 800mA 3B2405XESR 3F2405XESR 3H2405XESR 5VD 600mA 3B2407XESR 3F2407XESR 3H2407XESR 7.2VD 417mA 3B2409XESR 3F2409XESR 3H2409XESR 9VDC 333mA 3B2412XESR 3F2412XESR 3H2412XESR 12VDC 250mA 3B2415XESR 3F2415XESR 3H2415XESR 15VDC 200mA 3B2418XESR 3F2418XESR 3H2418XESR 18VDC 167mA 3B2424XESR 3F2424XESR 3H2424XESR 24VDC 125mA MODEL MODEL SELECTION SELECTION 3 3B B ①24 24 ②05 05 ③X X ④ ES ES ⑤R R ⑥ ① Product Series ② Input Voltage ③ Output Voltage ④ 3Fixed Input ⑤ EXTEND SIP ⑥ Regulated Output ELECTRICAL ELECTRICAL SPECIFICATIONS SPECIFICATIONS Specifications Specifications typical typical at at +25 +25 ° ° C, C, nominal nominal input input voltage, voltage, rated rated output output current current unless unless otherwise otherwise specifie specifie Input Specifications: Voltage range ±10% Filter p (Pi) Network Isolation Specifications: Rated voltage (60 sec) 1000, 3000, 6000VDC Resistance > 1000MOhm Capacitance 60pF, typ. Output Specifications: Voltage accuracy ±2%, max Ripple & noise (at 20MHz BW) 75mVp-p, max. Short circuit protection Continuous Short circuit restart Automatic Line voltage regulation ±0.5%, max. Load voltage regulation ±0.5%, max Temperature coefficient ±0.02%/℃, typ MICRODC R ESERVES THE COPYRIGHT Isolated 3W Single Output DC/DC Converters FEATURES FEATURES ◆ REGULATED SINGLE OUTPUT ◆ 12 PIN SIP PACKAGE ◆ LOW RIPPLE & NOISE ◆ HIGH EFFICIENCY UP TO 75% ◆ INPUT/OUTPUT ISOLATION: 1000, 3000 & 6000VDC ◆ OPERATING TEMPERATURE: -25°C~ +71°C ◆ PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS APPLICATIONS APPLICATIONS Our series is a 3Family o3F cost e3F3Fective 3W single output DC-DC converters.These converters combine miniature package in a 12-pin SIP compatible case with high performance features such as 1000, 3000 & 6000VDC input/output isolation voltage, continuous short circuit protection with automatic restart and tight line / load regulation. Seventy two models operate from input voltages of 5, 12 & 24VDC with producing output voltage levels of 3.3, 5, 7.2, 9, 12, 15, 18, 24VDC. High performance features include high efficiency operation up to 70% and output voltage accuracy of ±2 maximum. Standard features include an input range of ±10% tolerance and low output noise and ripple. All models are package in a low profile 31.80x8.60x13.47mm 12 pin SIP non-conductive black plastic case. Operation is specified over the full operating temperature range of -25℃ to +71℃ with no derating required. Cooling is by free-air convection. |
Similar Part No. - 3H1212XESR |
|
Similar Description - 3H1212XESR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |