Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5QA0915XMD Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # 5QA0915XMD
Description  Isolated 1.25W Dual&Single Output DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

5QA0915XMD Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  5QA0915XMD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 5QA0915XMD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 5QA0915XMD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5QA-XD&5QB-XD Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Efficiency
(%)
5QB0303XD
3.3
3.3
378
70
5QB0503XD
5
3.3
378
70
5QB0903XD
9
3.3
378
70
5QB1203XD
12
3.3
378
70
5QB1503XD
15
3.3
378
70
5QB2403XD
24
3.3
378
70
5QB0305XD
3.3
5
250
70
5QB0505XD
5
5
250
70
5QB0905XD
9
5
250
70
5QB1205XD
12
5
250
70
5QB1505XD
15
5
250
70
5QB2405XD
24
5
250
70
5QB0309XD
3.3
9
140
78
5QB0509XD
5
9
140
78
5QB0909XD
9
9
140
78
5QB1209XD
12
9
140
78
5QB1509XD
15
9
140
78
5QB2409XD
24
9
140
78
5QB0312XD
3.3
12
104
79
5QB0512XD
5
12
104
79
5QB0912XD
9
12
104
79
5QB1212XD
12
12
104
79
5QB1512XD
15
12
104
79
5QB2412XD
24
12
104
79
5QB0315XD
3.3
15
84
80
5QB0515XD
5
15
84
80
5QB0915XD
9
15
84
80
5QB1215XD
12
15
84
80
5QB1515XD
15
15
84
80
5QB2415XD
24
15
84
80
5QB0324XD
3.3
24
52
80
5QB0524XD
5
24
52
80
5QB0924XD
9
24
52
80
5QB1224XD
12
24
52
80
5QB1524XD
15
24
52
80
5QB2424XD
24
24
52
80
All specif cations typical at TA=25 ° C, nominal input voltage and rated output current unless otherwise specif ed.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
MODEL
MODEL SELECTION
SELECTION
5Q
5QB
B
05
05
05
05
X
X
D
D
Product Series
Input Voltage
Output Voltage
Fixed Input
DIP8 Package style
MICRODC R ESERVES THE COPYRIGHT
Isolated 1.25W Dual&Single Output DC-DC Converters
FEATURES
FEATURES
Industry Standard Pinout
1kVDC & 2kVDC Isolation
Operating Temperature: -40℃~﹢85℃
High efficiency up to 80%
No Heatsink Required
Internal SMD construction
Power density up to 0.85W/cm3
No Extern. Components Required
5V,9V,12V and 15V output
No heatsink required
Custom Solutions Available
UL 94V-0 package material
No external components required
Industry standard pinout
Power sharing on output
MTTF up to 3.4 million hours
APPLICATIONS
APPLICATIONS
The 5QA-XD & 5QB-XD series of DC/DC
converters is particularly suited to isolating
and/or converting DC power rails. The
galvanic isolation allows the device to be
configured to provide an isolated negative rail
in systems where only positive rails exist. The
wide temperature range guarantees startup
from -40°C and full 1.25 watt output at 85°C.
For lower ripple,refer to output ripple reduction
section.


Similar Description - 5QA0915XMD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMXD1215UC MURATA-NMXD1215UC Datasheet
176Kb / 3P
   Isolated 5W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CMR MURATA-PS-CMR Datasheet
297Kb / 11P
   Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com