Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0503XMD Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # B0503XMD
Description  1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B0503XMD Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  B0503XMD Datasheet HTML 1Page - Microdc power Technology Co., Ltd B0503XMD Datasheet HTML 2Page - Microdc power Technology Co., Ltd B0503XMD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B-XMD&D-XMD
B-XMD&D-XMD Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
MODEL
MODEL SELECTION
SELECTION
B
B
0
05
5
0
05
5
X
X
MD
Product Series
Input Voltage
Output Voltage
Fixed Input
MINI DIP8 Package
SELECTION
SELECTION GUIDE
GUIDE
Model
INPUT
VOLTAGE
(V)
OUTPUT
VOLTAGE
(V)
OUTPUT
CURRENT
MAX
(mA)
ISOIATION
(VDC)
MAX
CAPACTIVE
Load
EFFICIEN
CY
(% )
B0503XMD
4.5-5.5
3.3
300
1000
220
72
B0505XMD
4.5-5.5
5
200
1000
220
75
B0507XMD
4.5-5.5
7.2
140
1000
220
76
B0509XMD
4.5-5.5
9
110
1000
220
77
B0512XMD
4.5-5.5
12
83
1000
220
78
B0515XMD
4.5-5.5
15
67
1000
220
78
B0518XMD
4.5-5.5
18
56
1000
220
78
B0524XMD
4.5-5.5
24
42
1000
220
78
B1203XMD
10.8-13.2
3.3
300
1000
220
72
B1205XMD
10.8-13.2
5
200
1000
220
75
B1207XMD
10.8-13.2
7.2
140
1000
220
76
B1209XMD
10.8-13.2
9
110
1000
220
77
B1212XMD
10.8-13.2
12
83
1000
220
78
B1215XMD
10.8-13.2
15
67
1000
220
78
B1218XMD
10.8-13.2
18
56
1000
220
78
B1224XMD
10.8-13.2
24
42
1000
220
78
B2403XMD
21.6-26.4
3.3
300
1000
220
72
B2405XMD
21.6-26.4
5
200
1000
220
75
B2407XMD
21.6-26.4
7.2
140
1000
220
76
B2409XMD
21.6-26.4
9
110
1000
220
77
B2412XMD
21.6-26.4
12
83
1000
220
78
B2415XMD
21.6-26.4
15
67
1000
220
78
B2418XMD
21.6-26.4
18
56
1000
220
78
B2424XMD
21.6-26.4
24
42
1000
220
78
D050303XMD
4.5-5.5
3.3 / 3.3
150 / 150
1000
220
63
D050505XMD
4.5-5.5
5 / 5
100 / 100
1000
220
72
D050707XMD
4.5-5.5
7.2 / 7.2
70 / 70
1000
220
75
D050909XMD
4.5-5.5
9 / 9
55 / 55
1000
220
78
D051212XMD
4.5-5.5
12 / 12
42 / 42
1000
220
80
D051515XMD
4.5-5.5
15 / 15
34 / 34
1000
220
80
D051818XMD
4.5-5.5
18 / 18
28 / 28
1000
220
78
D052424XMD
4.5-5.5
24 / 24
21 / 21
1000
220
78
D120303XMD
10.8-13.2
3.3 / 3.3
150 / 150
1000
220
70
D120505XMD
10.8-13.2
5 / 5
100 / 100
1000
220
72
D120707XMD
10.8-13.2
7.2 / 7.2
70 / 70
1000
220
71
D120909XMD
10.8-13.2
9 / 9
55 / 55
1000
220
76
D121212XMD
10.8-13.2
12 / 12
42 / 42
1000
220
80
D121515XMD
10.8-13.2
15 / 15
34 / 34
1000
220
80
D121818XMD
10.8-13.2
18 / 18
28 / 28
1000
220
76
D122424XMD
10.8-13.2
24 / 24
21 / 21
1000
220
78
D240303XMD
21.6-26.4
3.3 / 3.3
150 / 150
1000
220
76
D240505XMD
21.6-26.4
5 / 5
100 / 100
1000
220
72
D240707XMD
21.6-26.4
7.2 / 7.2
70 / 70
1000
220
73
D240909XMD
21.6-26.4
9 / 9
55 / 55
1000
220
77
D241212XMD
21.6-26.4
12 / 12
42 / 42
1000
220
82
D241515XMD
21.6-26.4
15 / 15
34 / 34
1000
220
82
D241818XMD
21.6-26.4
18 / 18
28 / 28
1000
220
75
D242424XMD
21.6-26.4
24 / 24
21 / 21
1000
220
80
add Suffix “P” for Continuous Short Circuit Protection, e.g. B0505XMDP
MICRODC R ESERVES THE COPYRIGHT
1KV Isolated 1W unregulated single & dual separated output DIP8 DC⁄DC Converter
FEATURES
FEATURES
8 Pin DIP Package
Low ripple and noise
High efficiency up to 82%
Input / Output Isolation 1000VDC
Pin compatible with multiple manufactures
Operating temperature -40℃ to + 85℃
Short circuit protection(automatic recovery)
No external component required
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
APPLICATIONS
The B-XMD&D-XMD series are specially
designed for applications where a group of polar
power supplies are isolated from the input
power supply in a distributed power supply
system on a circuit board.
These products apply to:
1) where the voltage of the input power supply is
fixed (voltage variation ≤±10%);
2) where isolation is necessary between input
and output (isolation voltage ≤1000VDC);
3) where the regulation of the output voltage
and the output ripple noise are not demanded.


Similar Part No. - B0503XMD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B0503XS-W25 MICRODC-B0503XS-W25 Datasheet
599Kb / 3P
   0.25WattSIP4SingleOutputDC/DC-Converter
B0503XT MICRODC-B0503XT Datasheet
1,013Kb / 6P
   1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
MORNSUN Science& Techno...
B0503XT-1W MORNSUN-B0503XT-1W Datasheet
110Kb / 2P
   SINGLE OUTPUT, SMD DC-DC CONVERTER
logo
RSG Electronic Componen...
B0503XT-1W RSG-B0503XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
MORNSUN Science& Techno...
B0503XT-1WR2 MORNSUN-B0503XT-1WR2 Datasheet
306Kb / 4P
   DC/DC Converter
More results

Similar Description - B0503XMD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XMD MICRODC-A-XMD Datasheet
298Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?껪C Converter
logo
PEAK electronics GmbH
P6BU-053R3E PEAK-P6BU-053R3E Datasheet
248Kb / 3P
   P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8
logo
List of Unclassifed Man...
P6BU-0505 ETC-P6BU-0505 Datasheet
250Kb / 2P
   1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
logo
PEAK electronics GmbH
P7BU-XXXXE PEAK-P7BU-XXXXE Datasheet
240Kb / 2P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P7BU-0505E PEAK-P7BU-0505E Datasheet
244Kb / 3P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
logo
List of Unclassifed Man...
PSD-0505 ETC-PSD-0505 Datasheet
294Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SMD
logo
PEAK electronics GmbH
P6DU-0505E PEAK-P6DU-0505E Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P6AU-0505 PEAK-P6AU-0505 Datasheet
229Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4
P3BU-053R3E PEAK-P3BU-053R3E Datasheet
234Kb / 2P
   P3BU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT DIP8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com