Electronic Components Datasheet Search |
|
B0507XMD Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd |
|
B0507XMD Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd |
2 / 3 page B-XMD&D-XMD B-XMD&D-XMD Series Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 2 of 3 Input Input Specifications Specifications Parameters Nominal Typical Maximum Units Voltage range 5 4.5-5.5 VDC 12 10.8-13.2 VDC 24 21.6-26.4 VDC Filter Capacitor Turn on Transient process time 25 ms Start up time 200 ms Absolute Maximum Rating 5 Vin 0-7 VDC 12 Vin 0-15 VDC 24 Vin 0-28 VDC Peak Input Voltage time 100 ms Isolation Isolation Specifications Specifications Parameters Nominal Typical Rated Units Tested I/O voltage 3 sec 1000 all models VDC Resistance > 1000 MOhm Capacitance 60 pF Output Output Specifications Specifications Parameters Nominal Typical Maximum Units Maximum ±3 % Short Circuit protection Momentary (1 sec) Line voltage regulation (Single) For 1% change of Vin ±1.2 % Line voltage regulation (Dual) For 1% change of Vin ±1.2 % Load voltage regulation (Single) Load 20 – 100% ±10 % Load voltage regulation (Single) 3.3V output model Load 20 – 100% ±20 % Load voltage regulation (Dual) Load 20 – 100% ±10 % Load voltage regulation (Dual) 3.3V output model Load 20 – 100% ±20 % Temperature coefficient ±0.02 %/℃ Ripple & Noise At 20MHz Bandwidth 100 mV p-p Rising time 50 ms General General Specifications Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 80 KHz Operating temperature Full Load without Derating -40 to+85 ℃ Storage temperature -55 to +125 ℃ Max Case temperature 90 ℃ Cooling Free air convection Humidity 90 % Case material Non-conductive black plastic Weight 1.8 g Dimensions (L x W x H) 0.50 x 0.40 x 0.27 inches 12.70 x 10.16 x 6.85 mm MTBF >1 191 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25℃) NOTE: All specifications in this data sheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified Safety Safety Specifications Specifications Parameters Agency approvals CE Standards EN55022 (Radiated Emissions) class B EN55024 (Noise Immunity), IEC61000-4-2(ESD) IEC61000-4-3(Radiated immunity) |
Similar Part No. - B0507XMD |
|
Similar Description - B0507XMD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |