Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1205XT Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # B1205XT
Description  1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B1205XT Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  B1205XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd B1205XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd B1205XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd B1205XT Datasheet HTML 4Page - Microdc power Technology Co., Ltd B1205XT Datasheet HTML 5Page - Microdc power Technology Co., Ltd B1205XT Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B
B-XT
-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 6
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
Isolation
Capacitance
MTTF1
Voltage(VDC)
Current (mA)
Voltage
(VDC)
Current
(mA)
(%.Typ.)
Nominal
Rated Load
pF
KHrs
B0303XT
3.3
410
3.3
303
81
29
5348
B0305XT
3.3
390
5
200
83
30
3847
B0309XT
3.3
400
9
111
74
34
3134
B0312XT
3.3
400
12
83
76
40
3473
B0315XT
3.3
400
15
66
81
42
2473
B0503XT
5
270
3.3
303
85
31
5515
B0505XT
5
294
5
200
83
33
6857
B0505NXT
5
260
5
200
86
42
3933
B0506XT
5
278
6
167
83
43
6677
B0509XT
5
267
9
111
85
38
5501
B0512XT
5
260
12
83
74
44
3957
B0515XT
5
256
15
66
78
43
2747
B1205XT
12
124
5
200
80
50
4683
B1209XT
12
114
9
111
80
72
4008
B1212XT
12
113
12
83
85
89
3121
B1215XT
12
111
15
66
81
100
2316
1. Calculated using MIL-HDBK-217FN2 with nominal input voltage at full load.
All specifications typical at TA=25℃, nominal input voltage and rated output current unless otherwise specified.
MODEL
MODEL SELECTION
SELECTION
B
B
05
05
05
05
X
X
T
T
Product Series
Input Voltage
Output Voltage
Fixed Input
SMD Package
MICRODC R ESERVES THE COPYRIGHT
1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
FEATURES
FEATURES
Footprint over pins 1.37cm2
Short Circuit Protection(automatic recovery)
I/O isolation voltage 1000VDC
Operating Temperature: -40℃~﹢85℃
High efficiency up to 78%
Toroidal magnetics
Small SMD package with footprint
Power density 1.8W/cm3
Lead frame technology
Multi-layer ceramic capacitors
Custom solutions available
APPLICATIONS
APPLICATIONS
The B-XT series are miniature,1W DC/DC
converters with high isolation in a SMD package.
With a new package design these converters are
qualified for the higher temperatures requested
by lead-free reflow solder processes. With the
small footprint, these converters are the ideal
solution for board level power distribution,mainly
for applications in the industrial and telecom field.
For automated SMD production lines the devices
can be supplied in standard tape and reel
package.
Input
Input Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 3.3V input
2.97
3.3
3.63
VDC
Continuous operation, 5V input
4.5
5
5.5
VDC
Continuous operation, 12V input
10.8
12
13.2
VDC
Start up time
30
47
mA p-p
IIsolation
solation Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ
General
General Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All output types
110
kHz
Absolute
Absolute Maximum
Maximum Ratings
Ratings
Parameter
Conditions
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
600mW
Input voltage V , B03 types
5.5V
Input voltage Vin, B05 types
7V
Input voltage Vin, B12 types
15V


Similar Part No. - B1205XT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1205XT-1W MORNSUN-B1205XT-1W Datasheet
110Kb / 2P
   SINGLE OUTPUT, SMD DC-DC CONVERTER
logo
RSG Electronic Componen...
B1205XT-1W RSG-B1205XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
MORNSUN Science& Techno...
B1205XT-1WR2 MORNSUN-B1205XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
B1205XT-1WR2 MORNSUN-B1205XT-1WR2 Datasheet
306Kb / 4P
   DC/DC Converter
B1205XT-1WR2 MORNSUN-B1205XT-1WR2 Datasheet
241Kb / 5P
   DC/DC Converter
More results

Similar Description - B1205XT

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
Microdc power Technolog...
A-XT MICRODC-A-XT Datasheet
983Kb / 6P
   1W, FIXED INPUT, ISOLATED DUAL OUTPUT SMD DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
logo
Microdc power Technolog...
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE GAPTEC-1T8CE Datasheet
871Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3.5U GAPTEC-1T8A-3.5U Datasheet
1Mb / 4P
   1W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
FE-XT MICRODC-FE-XT Datasheet
669Kb / 3P
   1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T12CW GAPTEC-1T12CW Datasheet
890Kb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com