Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1224XMD Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # B1224XMD
Description  1KV Isolated 1W unregulated single dual separated output DIP8 DC?껪C Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B1224XMD Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  B1224XMD Datasheet HTML 1Page - Microdc power Technology Co., Ltd B1224XMD Datasheet HTML 2Page - Microdc power Technology Co., Ltd B1224XMD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B-XMD&D-XMD
B-XMD&D-XMD Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
PIN
PIN CONNECTIONS
CONNECTIONS
PIN
B-XMD
D-XMD
1
- V Input
- V Input
4
+ V Input
+ V Input
5
+ V Output
+ V1 Output
6
No pin
- V1 Output
7
- V Output
+ V2 Output
8
No pin
- V2 Output
Dimensions
Dimensions
Note:
Unit:mm[inch]
Pin section tolerances:±0.10mm[±0.004inch]
General tolerances:±0.25mm[±0.010inch]
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
Unit :mm[inch]
General tolerances: ±0.50mm[±0.020inch]
L=530mm[20.866inch]Devices per tube: 40pcs
L=220mm[8.661inch] Devices per tube: 16pcs
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
Note: grid 2.54*2.54mm


Similar Part No. - B1224XMD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B1224XM MICRODC-B1224XM Datasheet
534Kb / 4P
   Isolated 1W Single Output MICRO SIP4 DC/DC Converters
B1224XM-1W MICRODC-B1224XM-1W Datasheet
944Kb / 4P
   Isolated 1W Single Output MICRO SIP4 DC/DC Converters
More results

Similar Description - B1224XMD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XMD MICRODC-A-XMD Datasheet
298Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?껪C Converter
logo
PEAK electronics GmbH
P6BU-053R3E PEAK-P6BU-053R3E Datasheet
248Kb / 3P
   P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8
logo
List of Unclassifed Man...
P6BU-0505 ETC-P6BU-0505 Datasheet
250Kb / 2P
   1KV ISOLATED 1 W UNREGULATED DUAL OUTPUT DIP8
logo
PEAK electronics GmbH
P7BU-XXXXE PEAK-P7BU-XXXXE Datasheet
240Kb / 2P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P7BU-0505E PEAK-P7BU-0505E Datasheet
244Kb / 3P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
logo
List of Unclassifed Man...
PSD-0505 ETC-PSD-0505 Datasheet
294Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SMD
logo
PEAK electronics GmbH
P6DU-0505E PEAK-P6DU-0505E Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P6AU-0505 PEAK-P6AU-0505 Datasheet
229Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4
P3BU-053R3E PEAK-P3BU-053R3E Datasheet
234Kb / 2P
   P3BU-XXXXE 1KV ISOLATED 0,5W UNREGULATED SINGLE OUTPUT DIP8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com