Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D120515XNM Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # D120515XNM
Description  1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D120515XNM Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  D120515XNM Datasheet HTML 1Page - Microdc power Technology Co., Ltd D120515XNM Datasheet HTML 2Page - Microdc power Technology Co., Ltd D120515XNM Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D-X
D-XN
NM
M
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage1
(V)
Output
Voltage2
(V)
Output
Current1
(MA)
Output
Current2
(MA)
Efficiency
(%)
MTTF1
(KHRS)
D050503XNM
5
5
3.3
100
152
70
1615
RD050505XNM
5
5
5
50
50
70
146
D050505XNM
5
5
5
100
100
70
1615
D050509XNM
5
5
9
100
56
80
669
D050512XNM
5
5
12
100
42
80
339
D050515XNM
5
5
15
100
34
80
187
RD120505XNM
12
5
5
50
50
84
135
D120505XNM
12
5
5
100
100
70
489
D120509XNM
12
5
9
100
56
80
343
D120512XNM
12
5
12
100
42
80
229
D120515XNM
12
5
15
100
34
80
148
RD240505XNM
24
5
5
50
50
84
130
D240505XNM
24
5
5
100
100
81
395
D240509XNM
24
5
9
100
56
82
289
D240512XNM
24
5
12
100
42
84
186
D240515XNM
24
5
15
100
34
84
150
MODEL
MODEL SELECTION
SELECTION
D
D
05
05
05
05
05
05
X
X
N
N
M
M
Product Series
Input Voltage
The 1st Output Voltage ④The 2nd Output Voltage
Fixed Input
-Vout&+Vout layout
Mini SIP Package Style
MICRODC R ESERVES THE COPYRIGHT
1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
Small footprint
Temperature range: -40℃~+85℃
1KVDC isolation
No Heat sink required
No external component required
Internal SMD Construction
Industry standard pinout
RoHS Compliance
APPLICATIONS
APPLICATIONS
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Temp. rise at full load
15
25
Short circuit protection*
1
S
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
3500
K hours
Weight
1.4
g
*Supply voltage must be discontinued at the end of short circuit duration.
The D-XNM Series are specially designed for
applications where a group of polar power
supplies are isolated from the input power
supply in a distributed power supply system on
a circuit board.
These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation ≤±10%);
2) Where isolation is necessary between
input and output(isolation voltage ≤1000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are not demanding.
Such as:purely digital circuits, ordinary low
frequency analog circuits,and IGBT power
device driving circuits.


Similar Part No. - D120515XNM

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D120515XND MICRODC-D120515XND Datasheet
631Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
D120515XNS MICRODC-D120515XNS Datasheet
631Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
More results

Similar Description - D120515XNM

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
logo
Microdc power Technolog...
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE GAPTEC-1T8CE Datasheet
871Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3.5U GAPTEC-1T8A-3.5U Datasheet
1Mb / 4P
   1W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com