Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QF0505XS Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part # QF0505XS
Description  Isolated 1W Dual Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

QF0505XS Datasheet(HTML) 4 Page - Microdc power Technology Co., Ltd

  QF0505XS Datasheet HTML 1Page - Microdc power Technology Co., Ltd QF0505XS Datasheet HTML 2Page - Microdc power Technology Co., Ltd QF0505XS Datasheet HTML 3Page - Microdc power Technology Co., Ltd QF0505XS Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E
E-X
-X(S)D&F
(S)D&F-X
-X(S)D
(S)D S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 4
PACKAGE
PACKAGE SPECIFICATIONS
SPECIFICATIONS
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIP
DIP package
package
SIP
SIP package
package
*Pin not fitted on single output variants.
All dimensions in inches ±0.01(mm±0.25mm).All pins on a 0.1(2.54) pitch and within ±0.01(0.25)of true
position.
Weight: 2.4g (DIP) 2.1g (SIP)
PIN
PIN CONNECTIONS
CONNECTIONS
SINGLE
SINGLE OUTPUT
OUTPUT VARIANTS
VARIANTS
PIN
PIN CONNECTIONS-14
CONNECTIONS-14 PIN
PIN DIP
DIP
pin
Function
1
1
-VIN
-VIN
7
7
NC
NC
8
8
+VOUT
+VOUT
10
10
-VOUT
-VOUT
14
14
+VIN
+VIN
PIN
PIN CONNECTIONS-7
CONNECTIONS-7 PIN
PIN SIP
SIP
pin
Function
1
1
+VIN
+VIN
2
2
-VIN
-VIN
5
5
-VOUT
-VOUT
7
7
+VOUT
+VOUT
DUAL
DUAL OUTPUT
OUTPUT VARIANTS
VARIANTS
PIN
PIN CONNECTIONS-14
CONNECTIONS-14 PIN
PIN DIP
DIP
pin
Function
1
1
-VIN
-VIN
7
7
NC
NC
8
8
+VOUT
+VOUT
9
9
0V
0V
10
10
-VOUT
-VOUT
14
14
+VIN
+VIN
PIN
PIN CONNECTIONS-7
CONNECTIONS-7 PIN
PIN SIP
SIP
pin
Function
1
1
+VIN
+VIN
2
2
-VIN
-VIN
5
5
-VOUT
-VOUT
6
6
0V
0V
7
7
+VOUT
+VOUT
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT DETAILS
DETAILS
14 Pin DIP Package14 Pin DIP Package
7 Pin SIP Package
*Hole not required for single output variants.
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
14 Pin DIP Tube
7 Pin SIP Tube
Unless otherwise stated all dimensions in inches ±0.02(mm ±0.5mm).
Tube length(14 Pin DIP):20.47(520mm±2mm).
Tube length( 7 Pin SIP):20.47(520mm±2mm).
Tube Quantity:10
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
2010 Microdc Professional Power Module, Inc. Guangzhou
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.


Similar Part No. - QF0505XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QF0505XM MICRODC-QF0505XM Datasheet
407Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
QF0505XMS MICRODC-QF0505XMS Datasheet
422Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
QF0505XT MICRODC-QF0505XT Datasheet
645Kb / 3P
   0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
More results

Similar Description - QF0505XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com