Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D240509XMS Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # D240509XMS
Description  1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D240509XMS Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  D240509XMS Datasheet HTML 1Page - Microdc power Technology Co., Ltd D240509XMS Datasheet HTML 2Page - Microdc power Technology Co., Ltd D240509XMS Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D-XM
D-XM
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch]
Tube Quantity: 30pcs
L=220mm[8.661inch]
Tube Quantity: 11pcs
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
Note:
Unit:mm[ inch]
Pin sect ion tolerances:±0.10mm[±0.004inch]
General tolerances:±0.25mm[±0.010inch]


Similar Part No. - D240509XMS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D240509XM MICRODC-D240509XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results

Similar Description - D240509XMS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
logo
Microdc power Technolog...
F-XMS MICRODC-F-XMS Datasheet
524Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE GAPTEC-1T8CE Datasheet
871Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3.5U GAPTEC-1T8A-3.5U Datasheet
1Mb / 4P
   1W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com