Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1209XSR Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # E1209XSR
Description  FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

E1209XSR Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  E1209XSR Datasheet HTML 1Page - Microdc power Technology Co., Ltd E1209XSR Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E
E-X
-XSR
SR S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating temperature
-40
85
°C
Storage temperature
-55
125
°C
Lead temperature
1.5mm from case for 10 seconds
20
30
°C
Temp.rise at full load
300
°C
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection
IE-XSP
Continuous
1
S
MTBF
3500
K hours
Weight
5.2
g
*Supply voltage must be discontinued at the end of short circuit duration.
Filtering
To get an extreme low ripple,an "LC"filtering network
may be connected to the input and output ends of the
DC/DC converter.Which may produce a more significant
filtering effect.It should also be noted that the inductance
and the frequency of the "LC"filtering network should be
staggered with the DC/DC frequency to avoid mutual
interference see (Figure 1).
In some circuits which are sensitive to noise and ripple.a
filtering capacitor may be added to the DC/DC output
end and input end to reduce the noise and ripple.
However, the capacitance of the output filter capacitor
must be proper. If the capacitance is too big, a startup
problem might arise. For every channel of output,
provided the safe and reliable operation is ensured,
the greatest capacitance of its filter capacitor sees
(Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin
Vin
Cin
Cin
Vout
Vout
Cout
Cout
(VDC)
(μF)
(VDC)
(μF)
5
4.7
±5
4.7
12
2.2
±9
2.2
24
1.0
±12
1
-
-
±15
0.47
It's not recommend to connect any external capacitor in
the application field with less than 0.5 watt output.
Overload Protection
Under normal operating conditions, the output circuit
of these products has no protection against over-current
and short-circuits.The simplest method is to connect a
self-recovery fuse in series at the input end or add a
circuit breaker to the circuit.
When the environment temperature is higher than
71℃, the product output power should be less then
60% of the rated power.
No parallel connection or plug and play.
Use dual output simultaneously, forbid opening
output pin (0V) to use as single output.
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
Temperature Derating Graph
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS &
& PIN
PIN CONNECTIONS
CONNECTIONS
SIZE Graph
Note:
Unit:mm(inch)
Pin section:0.50*0.3mm(0.020*0.012inch)
Pin section tolerances:±0.10mm(±0.004inch)
General tolerances:±0.25mm(±0.010inch)
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch)
diameter:1.00mm(0.039inch)
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise
specified.Another 24V products, please inquire Our technical department!
Requirement on output load
To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of
DC/DC converter in addition to a maximum load(namely full load).During operation, make sure the
specified range of input voltage is not exceeded,the minimum output load is not less than 10% of the full
load, and that this product should never be operated under no load!
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
Pin
Function
1
VIN
2
GND
7
+V0
9
-V0
10
0V


Similar Part No. - E1209XSR

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E1209XS MICRODC-E1209XS Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
More results

Similar Description - E1209XSR

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IE-XS-2W MICRODC-IE-XS-2W Datasheet
719Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
IE-XS-1W MICRODC-IE-XS-1W Datasheet
680Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB-XS-2W MICRODC-IB-XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB0505XS-2W MICRODC-IB0505XS-2W Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com