Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5923 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C5923
Description  Signal processing circuit for 1-D PSD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5923 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C5923 Datasheet HTML 1Page - Hamamatsu Corporation C5923 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Signal processing circuit for 1-D PSD
C5923
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
Cat. No. KPSD1011E03
Apr. 2003 DN
s Dimensional outline (unit: mm, tolerance: ±0.2 mm)
KACCA0054EB
q D-sub connector
T erm inal No. Name
Content
1VREF R eference voltage m onitor output
2
VR
PSD bias voltage monitor output
3Vo
Divider output
(position-converted voltage)
4
K
C onnection to LED or other cathode
5A
C onnection to LED or other anode
6
+V
+15 V input
7
-V
-15 V input
8
G
GND
9
V1
Head amp output 1
10
V2
Head amp output 2
11
V3
Subtracted signal pulse output
12
V4
Summed signal pulse output
13
V5
Subtracted signal output after S/H *
14
V6
Sum m ed signal output after S/H *
15
G
GND
* S/H: sample hold
q Through holes for externally connected PSD
T erm inal No. Name
Content
1
IN1
Input from PSD output 1
2
G
GND
3VR
Bias voltage output for
connection to PSD cathode
4
G
GND
5
IN2
Input from PSD output 2
s PSD and output voltage
Measurement conditions
1. Light source: LED (
λp=900 nm)
2. Light spot:
φ200 µm
3. PSD: S1352 (L=34 mm)
4. PSD photocurrent: 10 µA
5. Frequency bandwidth: 10 Hz
6. Voltmeter: 195A (KEITHLEY)
7. Constant voltage power supply: ±15 V, power supply capacity:
0.2 A or more, ripple voltage: 3 mVp-p or less
When measured under the above conditions, the following output
voltage amplitude and position resolution can be obtained.
· Output voltage amplitude: VFS=±10 V
· Position resolution:
∆l=approx. 0.6 µm (calculated value)
s Accessories
· Connector HDAB-15S (HIROSE: For connections to power
supply and output readout device)
KACCB0040EB
KPSDC0062EA
KACCC0071EA
S1352, S3931 and S3932 (PSD made by Hamamatsu) can be
directly mounted on the board. To mount other types of 1-D
PSDs, use through holes on the board.
15.5 MAX.
D-SUB CONNECTOR
(Hirose Electric: RDAB-15P)
37.5
THROUGH HOLES FOR
EXTERNALLY CONNECTED PSD
37.5
67
75
PSD
INSTALLTION
POSITION
(4
×) 3.2
1
2
4
5
3
L
L/2
L/4
-L/4
-L/2
S1352, S3270
-L
-L/2
L/2
OUTPUT Vo (V)
LIGHT SPOT POSITION X (mm)
S3931, S3932
S3979
X
CENTER OF PSD ACTIVE AREA
LIGHT SPOT
PHOTOSENSITIVE
SURFACE
L
-
2
L
+
2
C5923
LED (LD) ANODE (+)
D-SUB CONNECTOR
LED (LD) CATHODE (–)
VOLTMETER
CONSTANT
VOLTAGE
POWER
SUPPLY
+15 V
–15 V
GND
+
G
+
PSD
X1
C
X2
1
5
6
7
8
3
4
5
s Operating example
2
s Input/output terminals


Similar Part No. - C5923

ManufacturerPart #DatasheetDescription
logo
Powerbox
C592 POWERBOX-C592 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
General Cable Technolog...
C5920A GENERAL-C5920A Datasheet
89Kb / 1P
   1C 18 SOLID BCCS FMPE OAS CLEAR BLUE PVC RG 6/U TYPE COAXIAL CABLE
logo
Sanyo Semicon Device
C5928 SANYO-C5928 Datasheet
33Kb / 4P
   Switching Regulator Applications
More results

Similar Description - C5923

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C3683-01 HAMAMATSU-C3683-01 Datasheet
124Kb / 2P
   Signal processing circuit for 1-D PSD
C3683-02 HAMAMATSU-C3683-02 Datasheet
547Kb / 5P
   Signal processing circuit for 1-D PSD
C4674-01 HAMAMATSU-C4674-01 Datasheet
633Kb / 5P
   Signal processing circuit for 2-D PSD
C9068 HAMAMATSU-C9068_15 Datasheet
140Kb / 3P
   PSD signal processing circuit
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
C4674 HAMAMATSU-C4674 Datasheet
127Kb / 3P
   Signal processing circuit for 2-D PSD
C10460 HAMAMATSU-C10460_15 Datasheet
360Kb / 4P
   Signal processing unit for PSD module
C10459_C10460_KACC1135E04 HAMAMATSU-C10459_C10460_KACC1135E04 Datasheet
657Kb / 3P
   Signal processing unit for PSD module
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com