Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB0512XS Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # RB0512XS
Description  0.5 Watt SIP4 Single Output DC/DC-Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

RB0512XS Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  RB0512XS Datasheet HTML 1Page - Microdc power Technology Co., Ltd RB0512XS Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
RB-XS
B-XS
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
SELECTION
SELECTION GUIDE
GUIDE
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output Current
(MA)
Efficiency
(%)
Max.
Capacitive
Load
RB0505XS
5
5
100
80
470μF
RB1205XS
12
5
100
82
470μF
RB0512XS
5
12
42
83
150μF
RB1212XS
12
12
42
86
150μF
RB0515XS
5
15
33
84
150μF
RB1215XS
12
15
33
87
150μF
add
add P
Pfor
for Continuous
Continuous Short
Short Circuit
Circuit Protection
Protection,e.g.:RB0505XS
,e.g.:RB0505XSP
P
MODEL
MODEL SELECTION
SELECTION
R
RB
B
05
05
0
05
5
X
X
S
S
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP Package
Specifications
Specifications
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ..
Load Voltage Regulation (10% to 100% full load)
10% max. / 4% typ..
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
20kHz min. / 54kHz typ.
Efficiency at Full Load
70% min. / 85% typ.
Efficiency at 50%l Load
65% min. / 80% typ.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute)
500VAC / 60Hz
Isolation Capacitance
20pF min. / 75pF max.
Isolation Resistance
10 GΩmin.
Short Circuit Protection
1 Second
Suffix "P"
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
1.4g
Packing Quantity
42 pcs per Tube
MTBF (+25°C)
} DetailedInformationsee
Application Notes chapter
"MTBF"
using MIL-HDBK 217F
985 x 103hours
(+85°C)
using MIL-HDBK 217F
200 x 103hours
(measured
(measured at
at T
TAA=
= 25
25
,, nominal
nominal input
input voltage,
voltage, full
full load
load and
and after
after warm-up
warm-up ))
Derating-Graph(Ambient Temperature)
MICRODC R ESERVES THE COPYRIGHT
0.5 Watt SIP4 Single Output DC/DC-Converter
FEATURES
FEATURES
Industry Standard Pin out
1kVDC Isolation
UL94V-0 Package Material
Optional Continuous Short Circuit Protected
Fully Encapsulated
Custom Solutions Available
Efficiency to 87%
3 year Warranty
APPLICATIONS
APPLICATIONS
The RB-XS DC/DC converters are typically
used in general purpose low power isolation
and voltage matching applications, and feature
a full industrial operating temperature range of
-40℃~ +85℃ without derating.


Similar Part No. - RB0512XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
RB0512XLD MICRODC-RB0512XLD Datasheet
660Kb / 4P
   Isolated 0.5W Single Output DC/DC Converters
RB0512XLS MICRODC-RB0512XLS Datasheet
660Kb / 4P
   Isolated 0.5W Single Output DC/DC Converters
More results

Similar Description - RB0512XS

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
   0.5 Watt SIP4 Single Output
logo
Bothhand USA, LP.
BA-053R3S BOTHHAND-BA-053R3S Datasheet
165Kb / 2P
   0.5 to 1 Watt Isolated DC-DC Converter Single Output
logo
Microdc power Technolog...
RSM0503XS MICRODC-RSM0503XS Datasheet
692Kb / 4P
   0.1 Watt,FIXED INPUT, ISOLATED AND UNREGULATED (SIP4&SIP7) Single Output DC/DC-Converter
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
logo
Murata Power Solutions ...
HPR100WC MURATA-PS-HPR100WC Datasheet
148Kb / 4P
   0.75 Watt Single Output DC/DC Converter
HPR117VC MURATA-PS-HPR117VC Datasheet
165Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Volgen Kaga Electronics...
FEC30-24S1P8 VOLGEN-FEC30-24S1P8 Datasheet
641Kb / 2P
   30 WATT DC/DC CONVERTER SINGLE OUTPUT
logo
C&D Technologies
HPR1XX-1 CANDD-HPR1XX-1 Datasheet
89Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Wall Industries,Inc.
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com