Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7089 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # M7089
Description  Multichannel measurement unit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

M7089 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  M7089 Datasheet HTML 1Page - Hamamatsu Corporation M7089 Datasheet HTML 2Page - Hamamatsu Corporation M7089 Datasheet HTML 3Page - Hamamatsu Corporation M7089 Datasheet HTML 4Page - Hamamatsu Corporation M7089 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Multichannel measurement unit
C6536 is a data processing unit designed specifically for Hamamatsu image sensor driver circuits and multichannel detector heads. C6536 is
capable of high-speed signal readout and data processing with high resolution so that the fullest performance and characteristics can be obtained
from various types of image sensors. Even in high-speed measurements at low light levels, C6536 delivers satisfactory performance. The unit is
compact yet has shielding effects against external noise. C6536 is also designed for easy operation and data control.
C6536 consists of a buffer amplifier, 12-bit A/D converter, memory, controller and pulse generator. The A/D converted data is temporarily stored
in the buffer memory and then transferred in parallel to an external PC by handshaking the internal controller with the PC.
Data processing unit
C6536
Features
l High resolution: 12 bits
l High-speed data conversion: 1 MHz Max.
l Lower power consumption
l Built-in buffer memory
l Compact size
START
CLK
Trigger
+5 V (OUT)
+15 V (OUT)
-15 V (OUT)
+5 V (IN)
+15 V (IN)
-15 V (IN)
DT8 TO DT11
DT0 TO DT7
MONITOR
OSC. TRIG
EXT. TRIG
D. GND
A. GND
D. GND
A. GND
DATA VIDEO
8
8
8
8
8
12
4
4
4
BUFFER AMPLIFIER
PULSE
GENERATOR
CONTROLLER
FIFO
MEMORY
FIFO
MEMORY
12-BIT
SAMPLING ADC
EOS
DTRDY
RDCMD
RDCTRL
P-RESET
WRPG
DP0 TO DP7
MULTICHANNEL
DETECTOR HEAD
POWER SUPPLY
INTERFACE
BOARD
-
+
s Configuration
C6536 consists of the following parts.
➀ Buffer amplifier
➁ Sampling ADC
➂ Buffer memory (FIFO)
➃ Pulse generator
➄ Controller
KACCC0142EA
s Block diagram
2


Similar Part No. - M7089

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M708 STMICROELECTRONICS-M708 Datasheet
345Kb / 9P
   PCM REMOTE CONTROL TRANSMITTER
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085 Datasheet
231Kb / 7P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085-SM1-R UTC-M7085-SM1-R Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085-SM1-T UTC-M7085-SM1-T Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
More results

Similar Description - M7089

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IMU360D-F99-B20-V15 PF-IMU360D-F99-B20-V15 Datasheet
1Mb / 6P
   Inertial measurement unit
logo
Epson Company
M-G352 EPSON-M-G352 Datasheet
1Mb / 69P
   IMU (Inertial Measurement Unit)
M-G550-PC EPSON-M-G550-PC Datasheet
215Kb / 2P
   IMU (Inertial Measurement Unit)
logo
TDK Electronics
DK-42688-P TDK-DK-42688-P Datasheet
225Kb / 1P
   IMU (Inertial Measurement Unit)
logo
Epson Company
M-G550-PR EPSON-M-G550-PR Datasheet
208Kb / 2P
   IMU (Inertial Measurement Unit)
M-V340 EPSON-M-V340 Datasheet
235Kb / 3P
   IMU (Inertial Measurement Unit)
M-G362 EPSON-M-G362 Datasheet
1Mb / 69P
   IMU (Inertial Measurement Unit)
logo
Honeywell Solid State E...
HG4930 HONEYWELL-HG4930 Datasheet
805Kb / 13P
   INERTIAL MEASUREMENT UNIT (IMU)
logo
Semtech Corporation
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com