Electronic Components Datasheet Search |
|
C7020 Datasheet(PDF) 5 Page - Hamamatsu Corporation |
|
C7020 Datasheet(HTML) 5 Page - Hamamatsu Corporation |
5 / 7 page CCD multichannel detector head C7020, C7021, C7025 I Pin assignment of "SIGNAL I/O" connector 15-pin D-sub connector 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 I Pin assignment of "TE CONTROL I/O" connector (C7021, C7025) 9-pin D-sub connector 1 2 3 4 5 6 7 8 9 Pin No. Terminal name Description 1 Mode select Digital input signal used to select between the line binning operation and area scanning operation. HCMOS compatible. High level or left open: line binning operation Low level: area scanning operation 2 Data video Analog video output. Positive polarity 3VA1+ (+15 V) Analog power supply 4 VA1- (-15 V) Analog power supply 5VD1 (+5 V) Digital power supply 6 Start Digital input signal for initializing the circuit. HCMOS compatible. Positive logic. The interval of the start pulses determines the integration time of the CCD image sensor. 7CLK Digital input signal for operating the circuit. HCMOS compatible. Rising edge operation. 8 EOS Digital input signal for indicating end-of-scan of the image sensor. HCMOS compatible. Negative logic. 9 A. GND Analog ground 10 A. GND Analog ground 11 VA2 (+24 V) Analog power supply 12 D. GND Digital ground 13 D. GND Digital ground 14 D. GND Digital ground 15 Trigger Digital output signal for A/D conversion. HCMOS compatible. Positive logic. Pin No. Terminal name Description 1VD2 (+5 V) Digital power supply 2 Temp monitor Analog output signal of the temperature of the CCD image sensor 3 Cooling control Digital input signal for starting to cool down. HCMOS compatible. High level or left open: cooling Low level: stand-by 4 Vp (+5 V) Power supply for the thermoelectric cooler in the CCD image sensor. (Please use AWG 18 wire) 5VF (+12 V) Power supply for cooling fan 6 D. GND Ground 7 D. GND Ground 8 P. GND Power supply return of the thermoelectric cooler mounted in the CCD image sensor. (Please use AWG 18 wire) 9 F. GND Power supply return for cooling fan Available for using same power supply (+5 V) for "+VD2" and "+Vp". Caution: Do not connect "VD2" and "Vp" together on the backside of the 9-pin D-sub connector. These may be connected (shorted) at the power supply end, not 9-pin D-sub connector. KACCC0069EA KACCC0075EA 5 |
Similar Part No. - C7020 |
|
Similar Description - C7020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |