Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

212-930-21-38 Datasheet(PDF) 4 Page - Marl International Limited

Part # 212-930-21-38
Description  filament replacement leds
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

212-930-21-38 Datasheet(HTML) 4 Page - Marl International Limited

  212-930-21-38 Datasheet HTML 1Page - Marl International Limited 212-930-21-38 Datasheet HTML 2Page - Marl International Limited 212-930-21-38 Datasheet HTML 3Page - Marl International Limited 212-930-21-38 Datasheet HTML 4Page - Marl International Limited 212-930-21-38 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
212 series
Part numbers also available in the 212 series:
Part
Number
Colour
Voltage
Vopr
212-046-72-50
White
24 Vac 50 Hz
212-501-20-38
Red
5/6 Vdc
212-501-22-38
Red
24 Vdc
212-501-24-38
Red
48 Vdc
212-501-48-50
Red
60 Vdc
212-521-22-38
Yellow
24 Vdc
212-532-22-38
Green
24 Vdc
212-532-48-50
Green
60 Vdc
212-899-23-38
Warm White
28 Vdc
212-899-33-38
Warm White
28 Vdc RP
212-930-22-38
Blue
24 Vdc
212-993-24-38
Warm White
48 Vdc
212-993-33-38
Warm White
28 Vdc RP
212-993-48-38
Warm White
60 Vdc
212-993-72-38
Warm White
24 Vac 50 Hz
212-997-20-38
White
5/6 Vdc
212-997-22-38
White
24 Vdc
212-997-24-38
White
48 Vdc
212-997-48-38
White
60 Vdc
212-997-48-50
White
60 Vdc
212-997-71-50
White
12 Vac 50 Hz
212-997-71-51
White
12 Vac 50 Hz
212-997-72-50
White
24 Vac 50 Hz
212-997-72-53
White
24 Vac 50 Hz
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 212 - version 2013-12-03-173307
page 4 of 5


Similar Part No. - 212-930-21-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
212-930-21-38 MARL-212-930-21-38 Datasheet
305Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1쩐
212-930-21-38 MARL-212-930-21-38 Datasheet
266Kb / 5P
   Direct replacement for T1 쩐 Lilliput Edison Screw E5
212-930-21-38 MARL-212-930-21-38 Datasheet
265Kb / 5P
   filament replacement leds
More results

Similar Description - 212-930-21-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
209-501-21-38_1312 MARL-209-501-21-38_1312 Datasheet
271Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
210-501-21-38_1312 MARL-210-501-21-38_1312 Datasheet
290Kb / 5P
   filament replacement leds
215-501-21-38_1311 MARL-215-501-21-38_1311 Datasheet
226Kb / 4P
   filament replacement leds
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com