Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7246 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C7246
Description  DA-TYPE SOCKET ASSEMBLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7246 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C7246 Datasheet HTML 1Page - Hamamatsu Corporation C7246 Datasheet HTML 2Page - Hamamatsu Corporation C7246 Datasheet HTML 3Page - Hamamatsu Corporation C7246 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DA-TYPE SOCKET
ASSEMBLIES
C7246 SERIES
DEC. 2000
The C7246 series is a DA type socket assembly designed for 28 mm (1-1/8 inch) diameter side-on and head-on
photomultiplier tubes. The C7246 series socket assembly incorporates a voltage-divider circuit and a current-to-voltage
conversion circuit along with an amplifier that has a narrow but practical bandwidth (0 kHz to 20 kHz) to improve the
effective S/N ratio.
The C7246 series converts the low-level, high-impedance current of a photomultiplier tube into a low-impedance
voltage output by a factor of 0.3 V/
µA.
Since the C7246 series employs an active voltage-divider circuit, it ensures an excellent DC linearity at low power
consumption and a gain adjustment function that does not affect the frequency bandwidth of the amplifier.
FEATURES
SPECIFICATIONS
Low power consumption
Low offset voltage
Adjustable gain function
Compact and light weight
MAXIMUM RATINGS
Parameter
Parameter
Value
Unit
Parameter
Unit
C7246
Unit
Input Voltage for Amplifier
±12 to ±15a
V dc
Applicable Photomultiplier Tubes
Input Current for Amplifier (at
±15 V)
Recommended Supply Voltage for Dividerb
Divider Current (at HV=-1000 V, VR=MIN)c
Current to Voltage Conversion Factor
Maximum Input Signal Current
(at 10 V output, HV=-1000 V with no load resistor)
Frequency Bandwidth (-3 dB)
Output Impedance
Offset Voltage
Output Noise Voltage
Adjustable Gain Range
Total Power Consumption (at
±15 V, HV=-1000 V, VR=MIN)
Weight
28 mm Dia. Head-on
R374, R2228, R5929, R6095, etc
530
µA Typ.
V dc
µA Typ.
-300 to -1000
211
-400 to -1000
174
0.3
V/
µA
10
V
0.9
V
33
µA
33
DC
Pulse
µA
0 Hz to 20 kHz
mV Max.
mV rms. Typ.
dB Min.
30
10
mW Typ.
g Typ.
227
50
190
55
50
±0.3
0.09
C7246-01
C7246
C7246-01
28 mm Dia. Side-on
R928, R3788, R3896, R4220, etc
GENERAL
Input Voltage for Amplifier
±18
V dc
Supply Voltage for Divider
Operating Temperature
Storage Temperature
-1500
V dc
0 to +40
˚C
-15 to +60
˚C
a To be also practicable even with
±5 V of input supply voltage except for narrow output range (2 V max).
b Use more than 600 V at negative high voltage input from view-points of output linearity, when giving more than 10
µA at signal input (anode out).
c "VR = MIN." means that the PMT gain is set to minimum gain.
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2000 Hamamatsu Photonics K.K
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
Maximum Output Voltage (with no load resistor)
Output Voltage (with 50
Ω load resistor)
PATENT


Similar Part No. - C7246

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7247 HAMAMATSU-C7247 Datasheet
43Kb / 4P
   DA-TYPE SOCKET ASSEMBLIES
C7247-01 HAMAMATSU-C7247-01 Datasheet
43Kb / 4P
   DA-TYPE SOCKET ASSEMBLIES
More results

Similar Description - C7246

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7247 HAMAMATSU-C7247 Datasheet
43Kb / 4P
   DA-TYPE SOCKET ASSEMBLIES
E10679 HAMAMATSU-E10679 Datasheet
160Kb / 2P
   D TYPE SOCKET ASSEMBLIES
E10679-02 HAMAMATSU-E10679-02_15 Datasheet
199Kb / 2P
   D TYPE SOCKET ASSEMBLIES
logo
Molex Electronics Ltd.
45481 MOLEX-45481 Datasheet
179Kb / 2P
   Modular Plug and Socket Configured Assemblies
logo
List of Unclassifed Man...
MCDS08 ETC2-MCDS08 Datasheet
442Kb / 6P
   DS, DP, DA Series
logo
PHOENIX CONTACT
1686698 PHOENIX-1686698 Datasheet
95Kb / 3P
   WR-DA-PG21
logo
Fujitsu Component Limit...
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
   AD/DA CONVERTER
logo
Microchip Technology
AVR128DA28 MICROCHIP-AVR128DA28 Datasheet
4Mb / 606P
   AVR짰 DA Family
2020
logo
Panasonic Semiconductor
ELJDA680JF PANASONIC-ELJDA680JF Datasheet
85Kb / 2P
   Signal Processing Use (Low Distortion Type) DA, FA***D
logo
Soshin electric Co., Lt...
HMD6105F SOSHIN-HMD6105F Datasheet
130Kb / 2P
   400MHz LPF for DA Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com