Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QB0312XT Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # QB0312XT
Description  0.25W, Fixed Input, Isolated Dual/Single Output SMD DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

QB0312XT Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  QB0312XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd QB0312XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd QB0312XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QA
QA-XT
-XT&QB-XT
B-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
Models
Models Single
Single output
output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current max
(mA)
Isolation
(VDC)
Efficiency
(%)
QB0303XT
3-3.6
3.3
75
1000
60
QB0305XT
3-3.6
5
50
1000
60
QB0312XT
3-3.6
12
20
1000
63
QB0315XT
3-3.6
15
16
1000
64
QB0503XT
4.5-5.5
3.3
75
1000
61
QB0505XT
4.5-5.5
5
50
1000
64
QB0509XT
4.5-5.5
9
27
1000
65
QB0512XT
4.5-5.5
12
20
1000
66
QB0515XT
4.5-5.5
15
16
1000
67
QB0524XT
4.5-5.5
24
10
1000
64
QB1203XT
10.8-13.2
3.3
75
1000
60
QB1205XT
10.8-13.2
5
50
1000
65
QB1212XT
10.8-13.2
12
20
1000
66
QB2405XT
21.6-26.4
5
50
1000
60
QB2412XT
21.6-26.4
12
20
1000
64
QB2415XT
21.6-26.4
15
16
1000
63
MODEL
MODEL SELECTION
SELECTION
Q
QB
B
05
05
05
05
X
X
T
T
Product Series
Input Voltage
Output Voltage
Fixed Input
SMD Package
Models
Models Dual
Dual output
output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current max
(mA)
Isolation
(VDC)
Efficiency
(%)
QA0505XT
4.5-5.5
±
5
±
25
1000
63
QA0512XT
4.5-5.5
±
12
±
11
1000
65
QA0515XT
4.5-5.5
±
15
±
9
1000
67
QA0524XT
4.5-5.5
±
24
±
5
1000
64
QA1205XT
10.8-13.2
±
5
±
25
1000
66
QA1212XT
10.8-13.2
±
12
±
11
1000
67
QA1215XT
10.8-13.2
±
15
±
9
1000
67
QA2405XT
21.6-26.4
±
5
±
25
1000
62
QA2412XT
21.6-26.4
±
12
±
11
1000
68
QA2415XT
21.6-26.4
±
15
±
9
1000
67
MICRODC R ESERVES THE COPYRIGHT
0.25W, Fixed Input, Isolated Dual/Single Output SMD DC-DC CONVERTER
FEATURES
FEATURES
RoHS Compliant
SMD Package
Low ripple and noise
High efficiency up to 68%
Operating temperature -40℃to+ 85℃
Input / Output Isolation 1000 VDC
Pin compatible with multiple Manufacturers
UL94-VO Package
APPLICATIONS
APPLICATIONS
1.Datasheets
are
updated
as
needed
and
as
such,
specifications are subject to change without notice.
Once
printed or downloaded, datasheets are no longer controlled by
MICRODC; refer to www.microdc.cn for the most current
product specifications.
2.Product labels shown, including safety agency certifications
on labels, may vary based on the date manufactured.
3. Mechanical drawings and specifications are for reference
only.
4. All specifications are measured at an ambient temperature of
25°C, humidity<75%,nominal input voltage and at rated output
load unless otherwise specified.
5. MICRODC may not have conducted destructive testing or
chemical analysis on all internal components and chemicals at
the time of publishing this document. CAS numbers and other
limited information are considered proprietary and may not be
available for release.
6. This product is not designed for use in critical life support
systems, equipment used in hazardous environments, nuclear
control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in
this datasheet.
7. Warranty is in accordance with microdc’s sandard Terms of
Sale available at www.microdc.cn.


Similar Part No. - QB0312XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QB0303XLS MICRODC-QB0303XLS Datasheet
411Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
QB0305XLS MICRODC-QB0305XLS Datasheet
411Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - QB0312XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QF-XT MICRODC-QF-XT Datasheet
645Kb / 3P
   0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
QA-XS MICRODC-QA-XS Datasheet
411Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
A-XS-W25 MICRODC-A-XS-W25 Datasheet
673Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A GAPTEC-QT8A Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A-3UP GAPTEC-QT8A-3UP Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8E GAPTEC-QT8E Datasheet
657Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
QF-XM MICRODC-QF-XM Datasheet
407Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QS4E GAPTEC-QS4E Datasheet
846Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
QF-XMS MICRODC-QF-XMS Datasheet
422Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com