Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QB0503XT Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # QB0503XT
Description  0.25W, Fixed Input, Isolated Dual/Single Output SMD DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

QB0503XT Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  QB0503XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd QB0503XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd QB0503XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QA
QA-XT
-XT&QB-XT
B-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
Input
Input Specifications
Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
3
3-3.6
VDC
5
4.5-5.5
12
10.8-13.2
14
21.6-26.4
Filter
Capacitor
Isolation
Isolation Specifications
Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1000
VDC
Resistance
> 1000
MOhm
Capacitance
6
pF
Output
Output Specifications
Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
See the tolerance graph
±
5
%
Voltage balance
Dual Output
±
2
%
Line voltage regulation (Single)
For 1% change of Vin
±
1.2
%
Line voltage regulation (Dual)
For 1% change of Vin
±
1.2
%
Load voltage regulation (Single)
Load 10 – 100%
10
%
Load voltage regulation (Dual)
Load 10 – 100%
10
%
Temperature coefficient
±
0.03
%/℃
Ripple & Noise
At 20MHz Bandwidth
75
mV p-p
General
General Specifications
Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load single
100
KHz
100% load dual
150
KHz
Short circuit protection
Momentary (1sec)
Operating temperature
Without derating
-40 to +85
Storage temperature
-55 to +125
Cooling
Free air convection
Humidity
95
%
Case material
Plastic UL94-VO
Weight
1.5
g
Dimensions (L x W x H)
Single 1000VDC
Dual 1000VDC
0.50 x 0.44 x 0.26 inch
12.70 x 11.20 x 6.70 mm
0.60 x 0.44 x 0.26 inch
15.24 x 11.20 x 6.70 mm
MTBF
>3 500 000hrs (MIL-HDBK -217F, Ground Benign, t=+25 C)
Max Case Temperature
95
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified


Similar Part No. - QB0503XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QB0505XLS MICRODC-QB0505XLS Datasheet
411Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
QB0509XLS MICRODC-QB0509XLS Datasheet
411Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - QB0503XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QF-XT MICRODC-QF-XT Datasheet
645Kb / 3P
   0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
QA-XS MICRODC-QA-XS Datasheet
411Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
A-XS-W25 MICRODC-A-XS-W25 Datasheet
673Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A GAPTEC-QT8A Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A-3UP GAPTEC-QT8A-3UP Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8E GAPTEC-QT8E Datasheet
657Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
QF-XM MICRODC-QF-XM Datasheet
407Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QS4E GAPTEC-QS4E Datasheet
846Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
QF-XMS MICRODC-QF-XMS Datasheet
422Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com