Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41672-B24A228 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-41672-B24A228
Description  KK 396 Breakaway Header, Right-Angle with Friction Lock, 24 Circuits, 0.76um Gold (Au) Selective Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-41672-B24A228 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-41672-B24A228 Datasheet HTML 1Page - Molex Electronics Ltd. A-41672-B24A228 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
41672-0046
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 396 Breakaway Header, Right-Angle with Friction Lock, 24 Circuits, 0.76µm Gold
(Au) Selective Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41672
Application
Power, Wire-to-Board
Application Tooling Part Link
11-20-0901
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
756054144428
Physical
Breakaway
Yes
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
10.175/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
5.38mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
3.96mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to Mating Part
No
Polarized to PCB
Yes
Shrouded
No
Stackable
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41672Series
Mates With
2139 KK® Crimp Housing, 41695 KK®
Crimp Housing, 6442 KK® Crimp Housing,
2145 PCB Connector, 41815 PCB
Connector, 3069 KK® Crimp Housing


Similar Part No. - A-41672-B24A228

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41672-B24A228 MOLEX5-A-41672-B24A228 Datasheet
387Kb / 12P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 24 Circuits
More results

Similar Description - A-41672-B24A228

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41672-0028 MOLEX11-41672-0028 Datasheet
64Kb / 2P
   KK 396 Breakaway Header, Right-Angle with Friction Lock, 6 Circuits, 0.76um Gold (Au) Selective Plating
41672-0036 MOLEX11-41672-0036 Datasheet
64Kb / 2P
   KK 396 Breakaway Header, Right-Angle with Friction Lock, 14 Circuits, 0.76um Gold (Au) Selective Plating
41672-0040 MOLEX11-41672-0040 Datasheet
64Kb / 2P
   KK 396 Breakaway Header, Right-Angle with Friction Lock, 18 Circuits, 0.76um Gold (Au) Selective Plating
41672-0024 MOLEX11-41672-0024 Datasheet
64Kb / 2P
   KK 396 Breakaway Header, Right-Angle with Friction Lock, 2 Circuits, 0.76um Gold (Au) Selective Plating
41662-0046 MOLEX11-41662-0046 Datasheet
57Kb / 2P
   KK 396 Breakaway Header, Right-Angle, 24 Circuits, 0.76um Gold (Au) Selective Plating
41661-0046 MOLEX11-41661-0046 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 24 Circuits, 0.76um Gold (Au) Selective Plating
41662-0029 MOLEX11-41662-0029 Datasheet
57Kb / 2P
   KK 396 Breakaway Header, Right-Angle, 7 Circuits, 0.76um Gold (Au) Selective Plating
41662-0027 MOLEX11-41662-0027 Datasheet
57Kb / 2P
   KK 396 Breakaway Header, Right-Angle, 5 Circuits, 0.76um Gold (Au) Selective Plating
41662-0028 MOLEX11-41662-0028 Datasheet
57Kb / 2P
   KK 396 Breakaway Header, Right-Angle, 6 Circuits, 0.76um Gold (Au) Selective Plating
41662-0034 MOLEX11-41662-0034 Datasheet
57Kb / 2P
   KK 396 Breakaway Header, Right-Angle, 12 Circuits, 0.76um Gold (Au) Selective Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com