Electronic Components Datasheet Search |
|
K200295 Datasheet(PDF) 1 Page - E-SWITCH |
|
K200295 Datasheet(HTML) 1 Page - E-SWITCH |
|
1 / 1 page TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY KO130M BLACK FACE 1:1 9/10/2009 K200295 A BLR 1 1 2 3 4 CIRCUIT: SP (45° INDEXING x 5) CONTACT CONFIGURATION CONNECTED TERMINAL # LEGEND = Detent positions = Key pull possible in these positions POS. 1 6-7 POS. 2 POS. 3 POS. 4 POS. 5 7-8 8-1 1-2 2-3 A 18626 Release For Production 9/10/09 BLR NOTES: 1. ALL DIMENSIONS IN MM[INCH] 2. GENERAL TOLERANCE: X.X = `0.4 X.XX = `0.25 3. TERM. NOS. FOR REFERENCE ONLY. 4. RATING: 4A @ 125VAC, 2A @ 250VAC 5. CONTACT RESISTANCE: 10 milli-OHMS MAX. 6. DIELECTRIC STRENGTH: 1,500 VAC-1Minute 7. MATERIALS: HOUSING: NICKEL PLATED ZINC ALLOY (BLACK FACING) CYLINDER: NICKEL PLATED ZINC ALLOY TERMINAL AND CONTACTS: GOLD PLATED COPPER ALLOY KEYS (2): BRASS 8. 2002/95/EC (ROHS) COMPLIANT 16.00 [.630 in] FLAT 6.50 [.256 in] n22.00 [.866 in] n15.60 [.614 in] POS. 3 POS. 4 POS. 2 45° (TYP.) n12.50 [.492 in] 34.5 [1.36 in] M19 X 1.0 THD. 22.50 [.886 in] 16.20 [.638 in] R9.50 [.374 in] RECOMMENDED PANEL LAYOUT POS. 1 POS. 5 22.5° KEY CODE A126 FULL BLACK FACING |
Similar Part No. - K200295 |
|
Similar Description - K200295 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |