Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT1862 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PRT1862
Description  SINGLE-TURN ROTARY POTENTIOMETERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PRT1862 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PRT1862 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRT1862 Datasheet HTML 2Page - List of Unclassifed Manufacturers PRT1862 Datasheet HTML 3Page - List of Unclassifed Manufacturers PRT1862 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2012-12-12
Copyright©RARA Electronics Corp.
Spindles
Indicating
of spindle
ends
Dimensions (mm)
Diameter D
l/a/h
for L
8, 10, 12, 12.5
For L
16
For L
20
for L
25, 32, 40
P1
4, 6
P3
4
P5
6
8/-/-
10/-/-
10/-/-
P5.1
4
6/-/-
6/-/-
6/-/-
6/-/-
P5.2
4
12/-/-
12/-/-
P6
6
8/7/6
12/11/10
14/13/12
Outline view of potentiometers


Similar Part No. - PRT1862

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PRT1.5S-C PANDUIT-PRT1.5S-C Datasheet
94Kb / 1P
   ELECTRICAL SOLUTIONS
logo
NXP Semiconductors
PRT1011CAE4A NXP-PRT1011CAE4A Datasheet
1Mb / 90P
   i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
PRT1011CAE4A NXP-PRT1011CAE4A Datasheet
1Mb / 90P
   i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 11/2020
PRT1011CAE4A NXP-PRT1011CAE4A Datasheet
1Mb / 112P
   i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PRT1011CAE4A NXP-PRT1011CAE4A Datasheet
1Mb / 113P
   i.MX RT1064 Crossover Processors for Industrial Products
More results

Similar Description - PRT1862

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR16 ETC-PR16 Datasheet
185Kb / 4P
   SINGLE-TURN ROTARY POTENTIOMETERS
PR24 ETC-PR24 Datasheet
107Kb / 3P
   SINGLE-TURN ROTARY POTENTIOMETERS
SP ETC-SP Datasheet
91Kb / 2P
   CARBON FILM SINGLE TURN POTENTIOMETERS
logo
Vatronics Technologies ...
3329 VATRONICS-3329 Datasheet
62Kb / 2P
   Round Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
   6mm Square Single-Turn Trimmer Potentiometers
3323 VATRONICS-3323 Datasheet
99Kb / 3P
   6mm Square Single-Turn Trimmer Potentiometers
3386 VATRONICS-3386 Datasheet
79Kb / 3P
   9mm Square Single-Turn Trimmer Potentiometers
logo
Ohmite Mfg. Co.
CPM OHMITE-CPM Datasheet
371Kb / 2P
   Precision Multi-Turn Potentiometers
logo
Panasonic Semiconductor
EVJ-Y96F03B54 PANASONIC-EVJ-Y96F03B54 Datasheet
171Kb / 5P
   Rotary Potentiometers/EVJC/EVJY
logo
Vatronics Technologies ...
3006 VATRONICS-3006 Datasheet
66Kb / 2P
   Rectangular Multi-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com