Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT186S56 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PRT186S56
Description  SINGLE-TURN ROTARY POTENTIOMETERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PRT186S56 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PRT186S56 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRT186S56 Datasheet HTML 2Page - List of Unclassifed Manufacturers PRT186S56 Datasheet HTML 3Page - List of Unclassifed Manufacturers PRT186S56 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel: 82-32-817-4325
Resistors And
Fax: 82-32-817-4329
Resistive Applications
Web: http://www.raraohm.com
Email: sg@raraohm.com
Date: 2012-12-12
Copyright©RARA Electronics Corp.
Mechanical Data
Table 2
Type of
potentiomete
r
Single
Tandem
Switch Tap
Material of
spindle
Spindle
Diameter
(mm)
Typical
Length of
spindle
End of
spindle
Bush
M...x../
length (mm)
Pins/
assembly
PR 185
Single
No
No
Metal
6
16; 20; 25; 40
P1; P3;
P5; P6
M7x0.75/6
Dir. assemb.
PRP 185
No
PCB
PRT 185
Yes
Dir. assemb.
PRPT 185
Yes
PCB
PR 185 s56
Yes
No
Dir. assemb.
PRT 185 s56
Yes
Dir. assemb.
PR 186
No
No
4
8; 10; 12.5; 16;
20; 25; 32; 40;
P1; P3;
P5.1;
P5.2
M7x0.75/6.5
Dir. assemb.
PRP 186
No
PCB
PRT 186
Yes
Dir. assemb.
PRPT 186
Yes
PCB
PR 1862
No
Plastic
12; 20; 25
P5
Dir. assemb
PRT 1862
Yes
Dir. assemb
PR 186 S56
Yes
No
Metal
8; 10; 2.5;16;
20; 25; 32;
P1; P3;
Dir. assemb
PRT 186 S56
Yes
Dir. assemb
PR 18 G
Tandem
No
No
6
16; 20; 25; 32;
40
P5; P6
M7x0.75/6;
16
PCB
PRP 18 G
No
Dir. assemb
PRT 183 G
Yes
PCB
PRPT 183 G
Yes
Dir. assemb
Resistance Laws:
Fig. 1. Resistance laws: A - linear; B-logarithmic, C-reverse logarithmic.
Fig. 2. Derating curve versus ambient temperature.
Derating curve: Potentiometers are derated from 100% rated dissipation at 40oC to 25%
rated dissipation at 70oC.


Similar Part No. - PRT186S56

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PRT1.5S-C PANDUIT-PRT1.5S-C Datasheet
94Kb / 1P
   ELECTRICAL SOLUTIONS
logo
NXP Semiconductors
PRT1011CAE4A NXP-PRT1011CAE4A Datasheet
1Mb / 90P
   i.MX RT1024 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 11/2020
PRT1011CAE4A NXP-PRT1011CAE4A Datasheet
1Mb / 90P
   i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 11/2020
PRT1011CAE4A NXP-PRT1011CAE4A Datasheet
1Mb / 112P
   i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PRT1011CAE4A NXP-PRT1011CAE4A Datasheet
1Mb / 113P
   i.MX RT1064 Crossover Processors for Industrial Products
More results

Similar Description - PRT186S56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR16 ETC-PR16 Datasheet
185Kb / 4P
   SINGLE-TURN ROTARY POTENTIOMETERS
PR24 ETC-PR24 Datasheet
107Kb / 3P
   SINGLE-TURN ROTARY POTENTIOMETERS
SP ETC-SP Datasheet
91Kb / 2P
   CARBON FILM SINGLE TURN POTENTIOMETERS
logo
Vatronics Technologies ...
3329 VATRONICS-3329 Datasheet
62Kb / 2P
   Round Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
   6mm Square Single-Turn Trimmer Potentiometers
3323 VATRONICS-3323 Datasheet
99Kb / 3P
   6mm Square Single-Turn Trimmer Potentiometers
3386 VATRONICS-3386 Datasheet
79Kb / 3P
   9mm Square Single-Turn Trimmer Potentiometers
logo
Ohmite Mfg. Co.
CPM OHMITE-CPM Datasheet
371Kb / 2P
   Precision Multi-Turn Potentiometers
logo
Panasonic Semiconductor
EVJ-Y96F03B54 PANASONIC-EVJ-Y96F03B54 Datasheet
171Kb / 5P
   Rotary Potentiometers/EVJC/EVJY
logo
Vatronics Technologies ...
3006 VATRONICS-3006 Datasheet
66Kb / 2P
   Rectangular Multi-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com