Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9004 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C9004
Description  Driver circuit for Si photodiode array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9004 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C9004 Datasheet HTML 1Page - Hamamatsu Corporation C9004 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
MODULE
Driver circuit for Si photodiode array
Driver circuit for 16-element photodiode array
C9004
PRELIMINARY DATA
Aug. 2002
l High precision and high-speed measurement by
simultaneous 16-channel readout
l Assembled with pulse generator (8-step adjustable
oscillatory frequency)
CLK, START, A/D conversion Trig and EOS pulse output
l Choice of gain (conversion impedance): 1 × 106 or 1 × 107 (V/A)
l Hamamatsu S4111-16 series, S5668 series and S8592
photodiode arrays are directly mountable on board.
l Single power supply operation: +12 V
l Performance evaluation of Hamamatsu S4111-16 series,
S5668 series and S8592 photodiode arrays
l Position measurement
l Displacement measurement
1
I Absolute maximum ratings
Parameter
Symbol
Value
Unit
Supply voltage
Vcc Max.
+18
V
Input current
Iin Max.
+6.7 × 10-5
A
Operating temperature
Topr
0 to +50
°C
Storage temperature
Tstg
-20 to +80
°C
I Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Tz=1 × 106
-
-
1 × 10-5
A
Input current range
Iin
Tz=1 × 107
-
-
1 × 10-6
A
Conversion impedance *1
Tz
1 × 106
-
1 × 107
V/A
Tz=1 × 106
(set up prior to shipping)
-0.025
-
V
Output offset voltage
Vos
Tz=1 × 107 *2
-0.25
-
V
Tz=1 × 106, RL=1 kW
0
-
+10
V
Output amplitude voltage
Vo
Tz=1 × 107, RL=1 kW
0
-
+10
V
Tz=1 × 106
(full bandwidth)
-5
-
mVp-p
Output noise voltage
enp-p
Tz=1 × 107
(full bandwidth)
-10-
mVp-p
Tz=1 × 106, RL=1 kW
-
5.6
-
µs
Rise time
tr
Tz=1 × 107, RL=1 kW
-
5.6
-
µs
Capacitive load
CL
-
-
100
pF
Oscillatory frequency (OUT) *3
CLK
1.5625
-
200
kHz
Start pulse width (OUT) *3
-
5
-
640µs
Output format *4
-
TTL
-
Current consumption
Icc
-
200
250
mA
*1: Conversion impedance can be changed with the switch on the circuit board.
*2: The variable resistor VR on the circuit board must be used for making offset adjustments.
*3: Adjustable in 8 steps by using the BCD rotary switch on the circuit board.
*4: CLK, START, Trig and EOS pulse output format.


Similar Part No. - C9004

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9004 HAMAMATSU-C9004 Datasheet
79Kb / 2P
   Driver circuit for 16-element photodiode array
C9004 HAMAMATSU-C9004_06 Datasheet
79Kb / 2P
   Driver circuit for 16-element photodiode array
More results

Similar Description - C9004

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9118 HAMAMATSU-C9118 Datasheet
155Kb / 5P
   Driver circuit for photodiode array with amplifier
C9004 HAMAMATSU-C9004_06 Datasheet
79Kb / 2P
   Driver circuit for 16-element photodiode array
C9118 HAMAMATSU-C9118_05 Datasheet
176Kb / 5P
   Driver circuit for photodiode array with amplifier
S4111 HAMAMATSU-S4111 Datasheet
138Kb / 4P
   Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR
S5668 HAMAMATSU-S5668 Datasheet
129Kb / 2P
   16-element Si photodiode array
C9052 HAMAMATSU-C9052 Datasheet
126Kb / 2P
   Si photodiode evaluation circuit
S7978 HAMAMATSU-S7978 Datasheet
87Kb / 2P
   Si photodiode array 5 횞 5 element array for X-ray detector
S3954 HAMAMATSU-S3954 Datasheet
63Kb / 2P
   76-element Si photodiode array High UV sensitivity photodiode array mounted in DIP
logo
List of Unclassifed Man...
KPD701H ETC-KPD701H Datasheet
139Kb / 2P
   Si Photodiode
logo
Hamamatsu Corporation
S9032-02 HAMAMATSU-S9032-02_15 Datasheet
474Kb / 4P
   Si photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com