Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9118-01 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C9118-01
Description  Driver circuit for photodiode array with amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9118-01 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C9118-01 Datasheet HTML 1Page - Hamamatsu Corporation C9118-01 Datasheet HTML 2Page - Hamamatsu Corporation C9118-01 Datasheet HTML 3Page - Hamamatsu Corporation C9118-01 Datasheet HTML 4Page - Hamamatsu Corporation C9118-01 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Driver circuit for photodiode array with amplifier
C9118 series
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
Cat. No. KACC1087E02
Jul. 2003 DN
<CN3>
Used to connect to CN2 at next stage during serial readout. (CN3 is installed only for C9118-01.)
Note 2) CN3 is installed only for serial readout.
Note 3) Pin No. 1 to 4 and 6 to 10 connect to the same pin No. of CN2 as common lines.
Connector type: DF13-11P-1.25H (50) (made by Hirose Electric)
Pin No.
Terminal Name
I/O
Description
1
M-RESET
I
Sensor scan start signal. Pulse width at High level nearly equals sensor integration
time.
2
M-CLK
I
Sensor scan sync signal. Sensor starts scanning in synchronization with this signal.
3
TRIGGER
O
For A/D conversion timing signals. Positive logic
4
L-EOS
O
EOS (end of scan) signal of all sensors during parallel or serial readout. Negative logic
5
EXTSP2
O
Video signal scan start signal at second stage during serial readout. Negative logic
6
GAIN
I
External setting for sensor gain
H: high gain, L: low gain
7GND
-
Circuit GND
8
+5 V
I
+5 V power supply
9
VIDEO
O
Video output signal. Positive polarity
10
A.GND
O
Video GND
11
NC
-
No connection
s Parallel readout and serial readout settings
ON
14
3
2
ON
<Parallel readout setting>
<First stage setting for serial readout>
<Second stage to second from last stage setting for serial readout>
<Last stage setting for serial readout>
Set SW1 and SW2 to OFF as shown at left.
(SW3 and SW4 have no connection)
Set SW1 to OFF and SW2 to ON as shown at left.
(SW3 and SW4 have no connection)
Set SW1 and SW2 to ON as shown at left.
(SW3 and SW4 have no connection)
Set SW1 to ON and SW2 to OFF as shown at left.
(SW3 and SW4 have no connection)
14
3
2
ON
14
3
2
ON
14
3
2
KACCC0191EA
5


Similar Part No. - C9118-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C9118-00 ETC1-C9118-00 Datasheet
134Kb / 1P
   Standard Dual Beam Wire Wrap Edge-Grip Sockets
More results

Similar Description - C9118-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9118 HAMAMATSU-C9118_05 Datasheet
176Kb / 5P
   Driver circuit for photodiode array with amplifier
C9004 HAMAMATSU-C9004 Datasheet
156Kb / 2P
   Driver circuit for Si photodiode array
C9004 HAMAMATSU-C9004_06 Datasheet
79Kb / 2P
   Driver circuit for 16-element photodiode array
S8865 HAMAMATSU-S8865 Datasheet
175Kb / 6P
   Photodiode array combined with signal processing circuit chip
S8865-256 HAMAMATSU-S8865-256 Datasheet
92Kb / 6P
   Photodiode array combined with signal processing circuit chip
logo
Panasonic Semiconductor
PNA4U23F PANASONIC-PNA4U23F Datasheet
441Kb / 4P
   Photodiode with amplifier functions
PNA4U15F PANASONIC-PNA4U15F Datasheet
437Kb / 4P
   Photodiode with amplifier functions
PNA4U17F PANASONIC-PNA4U17F Datasheet
452Kb / 4P
   Photodiode with amplifier functions
PNA4U31F PANASONIC-PNA4U31F Datasheet
455Kb / 4P
   Photodiode with amplifier functions
logo
HY ELECTRONIC CORP.
AA16-9DIL18 HY-AA16-9DIL18 Datasheet
311Kb / 2P
   Avalanche Photodiode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com