Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMBTA05 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GMBTA05
Description  N P N S I L I C O N T R A N S I S T O R
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GMBTA05 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GMBTA05 Datasheet HTML 1Page - E-Tech Electronics LTD GMBTA05 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G M
M B
B T
TA
A0055
N
N P
P N
N S
S II L
L II C
C O
O N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GMBTA05 is Amplifier Transistor.
Package Dimensions
Millimeter
Millimeter
REF
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
4
V
Collector Current
IC
500
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA
BVCEO
60
-
-
V
IC=1mA
BVEBO
4
-
-
V
IE=100uA
ICBO
-
-
100
nA
VCB=60V
ICEO
-
-
100
nA
VCE=60V
*VCE(sat)
-
-
250
mV
IC=100mA, IB=10mA
VBE(sat)
-
-
1.2
V
IC=100mA, VCE=1V
*hFE1
50
-
VCE=1V, IC=10mA
*hFE2
50
-
-
VCE=1V, IC=100mA
fT
100
-
-
MHz
VCE=2V, IC=10mA, f=100MHz
*Pulse Test:Pulse width 380us,Duty Cycle 2%


Similar Part No. - GMBTA05

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBTA05 GTM-GMBTA05 Datasheet
221Kb / 2P
   NPN SILICON TRANSISTOR
logo
Guilin Strong Micro-Ele...
GMBTA05 GSME-GMBTA05 Datasheet
204Kb / 2P
   NPN Low Frequency Amplifier Transistor
More results

Similar Description - GMBTA05

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSMBTA05 ETL-GSMBTA05 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSC1473A ETL-GSC1473A Datasheet
139Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSMBTA06 ETL-GSMBTA06 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GMA06 ETL-GMA06 Datasheet
222Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GE13003 ETL-GE13003 Datasheet
472Kb / 4P
   N P N S I L I C O N P O W E R T R A N S I S T O R
logo
SHANTOU HUASHAN ELECTRO...
HS600K HUASHAN-HS600K Datasheet
192Kb / 3P
   NPN S I L I C O N T R A N S I S T O R
logo
E-Tech Electronics LTD
GM4672 ETL-GM4672 Datasheet
203Kb / 2P
   N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GI4672 ETL-GI4672 Datasheet
163Kb / 2P
   N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com