Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1168-01 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # E1168-01
Description  Housings, Power and Signal Cables, Connector Adapters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

E1168-01 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  E1168-01 Datasheet HTML 1Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
107
Housing E1341-01 (For E5859 series socket assemblies)
Dimensional Outlines (Unit: mm)
Selection Guide
Power and Signal Cables E1168 Series, Connector Adapters A4184 Series
TACCA0228EB
10
MOUNT RING
4-M2, L=8
(HEX SCREW)
CUSHION
O-RING
GND TERMINAL
183.0
± 0.5
M61 P=0.75
10
3
8
M61 P=0.75
M61 P=0.75
4-M3.2
3
7
CAP (SUPPLIED)
MOUNT FLANGE (SUPPLIED)
TACCF0177
The E1341-01 is a metal housing designed for 51 mm (2") diameter head-on
photomultiplier tubes operated at room temperature. The E1341-01 ensures
complete light-shielding and also accommodates a magnetic shield case
(E989-62 sold separately).
The E1341-01 housing can be easily attached to a monochromator by pre-
paring a simple adapter. The Copal No. 3 shutter can be directly attached to
the E1341-01.
TACCF0153
Hamamatsu offers the E1168 series cables for connection of photomultiplier
tube assemblies and their accessories. A variety of cables are available, for
handling high voltage, low voltage and signals.
In addition, Hamamatsu also provides the A4184 series connector adapters
designed for SHV/MHV connector conversion.
Type. No.
E1168
E1168-10
E1168-17
E1168-18
E1168-19
E1168-20
G For High Voltage
Cable Type
RG-59B/U
(Red)
Custom
High Voltage
Cable (Red)
Cable Diameter
6.2 mm
6.15 mm
±0.3 mm
Maximum Voltage
2.3 kV
5 kV
Connector Types
MHV-P—MHV-P
MHV-P—SHV-P
SHV-P—SHV-P
MHV-P—MHV-P
SHV-P—SHV-P
MHV-P—SHV-P
Type. No.
E1168-01
E1168-02
E1168-03
E1168-05
G For Signal
Cable Type
3D-2V
3C-2V
3D-2V
Impedance
50
75
50
Connector Types
N-P—N-P
N-P—BNC-P
BNC-P—BNC-P
BNC-P—BNC-P
Type. No.
A4184-02
A4184-03
G Connector Adapters
Connector Types
MHV Plug—SHV Jack
SHV Plug—MHV Jack
Type. No.
A5074
A7992
G Relay Adapters
Connector Types
SHV Jack—SHV Jack
BNC Jack—BNC Jack
Type. No.
E1168-13
E1168-14
G For Low Voltage
Connector Types
MC-032—MC-032
SR30-10PQ-4P—SR30-10PQ-4P
Cable Type
MVVS 3
× 0.3
MVVS 2
× 0.3
Housings, Power and Signal Cables, Connector Adapters


Similar Part No. - E1168-01

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E116 GILWAY-E116 Datasheet
1Mb / 17P
   Miniature LEDs
logo
YUXIANG Magnetc materia...
E116 YUXIANG-E116 Datasheet
51Kb / 1P
   EI Core
E116A YUXIANG-E116A Datasheet
51Kb / 1P
   EI Core
More results

Similar Description - E1168-01

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
   Computer Cables Adapters Cables
logo
List of Unclassifed Man...
DRRJ45T8 ETC2-DRRJ45T8 Datasheet
462Kb / 2P
   RJ ADAPTERS CABLES
logo
Balluff Korea Ltd.
BAE002K BALLUFF-BAE002K Datasheet
103Kb / 2P
   Comm. Adapters, Signal Conv.
0.41_2021-12-17
BAE002N BALLUFF-BAE002N Datasheet
103Kb / 2P
   Comm. Adapters, Signal Conv.
0.43_2021-12-17
BAE002M BALLUFF-BAE002M Datasheet
103Kb / 2P
   Comm. Adapters, Signal Conv.
0.42_2021-12-17
BAE002H BALLUFF-BAE002H Datasheet
118Kb / 2P
   Comm. Adapters, Signal Conv.
0.39_2021-12-17
BAE011H BALLUFF-BAE011H Datasheet
101Kb / 2P
   Comm. Adapters, Signal Conv.
0.36_2021-12-15
BAE011J BALLUFF-BAE011J Datasheet
100Kb / 2P
   Comm. Adapters, Signal Conv.
0.34_2021-10-29
BAE002E BALLUFF-BAE002E Datasheet
103Kb / 2P
   Comm. Adapters, Signal Conv.
0.43_2021-12-17
BAE002J BALLUFF-BAE002J Datasheet
117Kb / 2P
   Comm. Adapters, Signal Conv.
0.39_2021-12-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com