Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5645 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # G5645
Description  GaAsP photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G5645 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  G5645 Datasheet HTML 1Page - Hamamatsu Corporation G5645 Datasheet HTML 2Page - Hamamatsu Corporation G5645 Datasheet HTML 3Page - Hamamatsu Corporation G5645 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAsP photodiode
Diffusion type
INCIDENT LIGHT LEVEL (lx)
(Typ. Ta=25 ˚C, A light source fully illuminated)
10
-14
10
-12
10
-10
10
-8
10
-6
10
-4
10
-2
10
-16
10
-16
10
-12
10
-14
10
0
10
-2
10
-4
10
-6
10
-8
10
-10
10
0
Refer to NEP value in characteristic table.
RL=100
Borosilicate glass window may extend
a maximum of 0.1 mm beyond the upper
surface of the cap.
CONNECTED
TO CASE
4.7 ± 0.1
5.4 ± 0.2
2.54 ± 0.2
WINDOW
3.0 ± 0.2
0.45
LEAD
(3.4)
6.5 ± 0.2
1.25 ± 0.25
1.25 ± 0.25
ACTIVE AREA
4.0
4.0
3.2
(FILTER)
4.0
N/C
CATHODE
ANODE
PHOTOSENSITIVE
SURFACE
s
s
s
s
s
Short circuit current linearity
KGPDB0008EA
➀ G5645
s
s
s
s
s
Dimensional outlines (unit: mm)
KGPDA0012EA
➁ G5842, G6262
KGPDA0004EA


Similar Part No. - G5645

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5640 GMT-G5640 Datasheet
637Kb / 1P
   2.5A Buck Converter
G5642 GMT-G5642 Datasheet
75Kb / 1P
   3A Buck Converter
G5644 GMT-G5644 Datasheet
161Kb / 1P
   2.5A Buck Converter
More results

Similar Description - G5645

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G1126-02 HAMAMATSU-G1126-02 Datasheet
170Kb / 4P
   GaAsP photodiode
G1735 HAMAMATSU-G1735 Datasheet
176Kb / 4P
   GaAsP photodiode
G1115 HAMAMATSU-G1115 Datasheet
172Kb / 4P
   GaAsP photodiode
G1746 HAMAMATSU-G1746 Datasheet
134Kb / 4P
   GaAsP photodiode
logo
Panasonic Semiconductor
LNG4B4NPY PANASONIC-LNG4B4NPY Datasheet
29Kb / 1P
   4.8 mm GaAsP
logo
OSA Opto Light GmbH
180622 OSA-180622 Datasheet
54Kb / 1P
   GaAsP / GaP LED Chips
logo
BRIGHT LED ELECTRONICS ...
BL-B3134-AA-AV BRIGHT-BL-B3134-AA-AV Datasheet
145Kb / 3P
   Chip material: GaAsP/GaP
BL-B3134-S-AT BRIGHT-BL-B3134-S-AT Datasheet
136Kb / 3P
   Chip material: GaAsP /GaP
logo
List of Unclassifed Man...
TL0143 ETC1-TL0143 Datasheet
277Kb / 1P
   GaAsP ORANGE LIGHT EMISSION
logo
Siemens Semiconductor G...
RP-12C SIEMENS-RP-12C Datasheet
33Kb / 1P
   mask-diffused gaasp led
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com