Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4631-01 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # P4631-01
Description  Infrared detector module with preamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P4631-01 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  P4631-01 Datasheet HTML 1Page - Hamamatsu Corporation P4631-01 Datasheet HTML 2Page - Hamamatsu Corporation P4631-01 Datasheet HTML 3Page - Hamamatsu Corporation P4631-01 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
Infrared detector module with preamp
Thermoelectrically cooled type
Cat. No. KIRD1036E06
Aug. 2003 DN
27.2
92
2
(4 ×) M3 DEPTH 5
(MOUNTING THREADED HOLE)
BNC CONNECTOR
(SIGNAL OUTPUT)
6-PIN CONNECTOR
(VOLTAGE INPUT)
0.7 ± 0.4
OFFSET VOLTAGE
ADJUSTMENT SCREW
92
4.85 ± 0.2
PHOTOSENSITIVE
SURFACE
40
26
(4 ×)
3.2 DEPTH 14.5 + M3 DEPTH 5
(MOUNTING THREADED HOLE)
ACTIVE AREA
KIRDA0139EC
The infrared detector modules (TE-cooled type) do not operate if not cooled. Always supply +2.5 V or +4.5 V to cool the
detector element.
Handling precaution
P4631-10
(unit: mm)
4


Similar Part No. - P4631-01

ManufacturerPart #DatasheetDescription
logo
NEC
P463 NEC-P463 Datasheet
817Kb / 2P
   NEC LCD 46 Large Format Display
P463-MT NEC-P463-MT Datasheet
636Kb / 2P
   NEC LCD 46" Large Format Touch Screen
More results

Similar Description - P4631-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
   Infrared detector module with preamp
C12496-046 HAMAMATSU-C12496-046 Datasheet
184Kb / 3P
   Infrared detector module with preamp
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
   Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
   Infrared detector module with preamp
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
   Infrared detector module with preamp
C12496-046 HAMAMATSU-C12496-046_15 Datasheet
309Kb / 3P
   Infrared detector module with preamp
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
   Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
   Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
   Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
   Infrared detector modules with preamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com