Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G8194-21 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G8194-21
Description  InGaAs PIN photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G8194-21 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G8194-21 Datasheet HTML 1Page - Hamamatsu Corporation G8194-21 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G8194 series are high-speed receivers specifically developed for 1.3/1.55
µm band optical fiber communications. These devices incorporate a
high-speed, high-sensitivity InGaAs PIN photodiode integrated in a receptacle module. Packages are available with various connectors and
mounting styles.
Features
l High-speed response: 2 GHz Typ.
l Low dark current: 20 pA Typ.
l High sensitivity: 0.9 A/W Typ. (l=1.31 µm)
l Low terminal capacitance: 1 pF Typ.
Applications
l Optical fiber communications
l Fiber channel
l Gigabit Ethernet
l HDTV
l SDH
l WDM
PHOTODIODE
InGaAs PIN photodiode
Receptacle type, 1.3/1.55 µm, 2 GHz
G8194 series
s
s
s
s Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Value
Unit
Reverse voltage
VR Max.
20V
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-40 to +85
°C
s Electrical and optical characteristics (Ta=25
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
0.9 to 1.7
-
µm
Peak sensitivity wavelength
λp
-
1.55
-
µm
λ=1.3 µm
-0.9
-
A/W
Photo sensitivity
S *
1
λ=1.55 µm
-0.95
-
A/W
Dark current
ID
VR=5 V
-
0.02
0.4
nA
Cut-off frequency
fc
VR=5 V, RL=50
λ=1.3 µm, -3 dB
-2-
GHz
Terminal capacitance
Ct
VR=5 V, f=1 MHz
-
1
1.5
pF
*1: Using a single mode optical fiber with a master plug.
s Package lineup
G8194
Parameter
-21
-22
-23
-32
-44
Mounting style
Board
Panel
Board & panel
Connector
SC
FC
MU
FC
LC
Dimensional outline
➁➂➃
1


Similar Part No. - G8194-21

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195_15 Datasheet
248Kb / 2P
   InGaAs PIN photodiodes
G8198 HAMAMATSU-G8198 Datasheet
125Kb / 2P
   InGaAs PIN photodiode
G8198-01 HAMAMATSU-G8198-01 Datasheet
125Kb / 2P
   InGaAs PIN photodiode
G8198-02 HAMAMATSU-G8198-02 Datasheet
125Kb / 2P
   InGaAs PIN photodiode
More results

Similar Description - G8194-21

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8421 HAMAMATSU-G8421 Datasheet
169Kb / 4P
   InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
   InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
   InGaAs PIN photodiode
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
G8605 HAMAMATSU-G8605 Datasheet
247Kb / 4P
   InGaAs PIN photodiode
G8422 HAMAMATSU-G8422 Datasheet
255Kb / 4P
   InGaAs PIN photodiode
logo
KODENSHI_AUK CORP.
KPPB1-LG125 KODENSHI-KPPB1-LG125 Datasheet
190Kb / 2P
   InGaAs PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com