Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9201-256R Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # G9201-256R
Description  InGaAs linear image sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9201-256R Datasheet(HTML) 4 Page - Hamamatsu Corporation

  G9201-256R Datasheet HTML 1Page - Hamamatsu Corporation G9201-256R Datasheet HTML 2Page - Hamamatsu Corporation G9201-256R Datasheet HTML 3Page - Hamamatsu Corporation G9201-256R Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
InGaAs linear image sensor
G9201 to G9204 series
12
14
28
15
63.5 ± 0.15
53.3 ± 0.15
38.1 ± 0.15
35.6 ± 0.15
(28 ×) 2.54
(28 ×)
0.46
27.2 ± 0.15
INDEX MARK
NON-COOLED
ONE-STAGE TE-COOLED
4.35
1.8
AB
6.15
3.6
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
Cat. No. KMIR1012E02
May 2003 DN
Terminal name
Input/Output
Function and recommended connection
CLK
Input
(CMOS logic compatible)
Clock pulse for operating the CMOS shift register
RESET
Input
(CMOS logic compatible)
Reset pulse for initializing the feedback capacitance in the charge amplifier
formed on the CMOS chip. The width of the reset pulse is integration time.
Vdd
Input
Supply voltage for operating the signal processing circuit on the CMOS chip.
Vss
-
Ground for the signal processing circuit on the CMOS chip.
INP
Input
Reset voltage for the charge amplifier array on the CMOS chip.
Cf SELECT
Input
Voltage that determines the feedback capacitance (Cf) on the CMOS chip.
Cf=10 pF at 0 V, and Cf=0.5 pF at 5 V.
CASE
-
This terminal is electrically connected to the package.
THERM
-
Thermistor for monitoring temperature inside the package. No connection for
room temperature operation type.
TE+, TE-
-
Power supply terminal for the thermoelectric cooler that cools the photodiode array.
No connection for room temperature operation type.
AD-TRIG
Output
Digital signal for AD conversion; positive polarity
VIDEO
Output
Analog video signal; positive polarity
Vref
Input
Reset voltage for the offset compensation circuit on the CMOS chip
s Dimensional outline (unit: mm)
KMIRA0010EA
KMIRC0013EA
s Pin connection (top view)
TE +
THERM
THERM
CASE
RESET
TE -
Vdd
Vss
INP
CLK
Vref
VIDEO
Cf SELECT
AD-TRIG
256 PIXELS
512 PIXELS
TE +
THERM
THERM
CASE
RESET-ODD
TE -
Vdd
Vss
INP
CLK-ODD
Vref
VIDEO-ODD
Cf SELECT
AD-TRIG-ODD
RESET-EVEN
AD-TRIG-EVEN
CLK-EVEN
VIDEO-EVEN
4


Similar Part No. - G9201-256R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9201-256S HAMAMATSU-G9201-256S Datasheet
135Kb / 4P
   InGaAs linear image sensor
More results

Similar Description - G9201-256R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9211 HAMAMATSU-G9211 Datasheet
133Kb / 4P
   InGaAs linear image sensor
G9201 HAMAMATSU-G9201_06 Datasheet
135Kb / 4P
   InGaAs linear image sensor
G9203-256D HAMAMATSU-G9203-256D Datasheet
95Kb / 5P
   InGaAs linear image sensor
G9494-256D HAMAMATSU-G9494-256D Datasheet
132Kb / 5P
   InGaAs linear image sensor
G9211 HAMAMATSU-G9211_05 Datasheet
132Kb / 4P
   InGaAs linear image sensor
C8061 HAMAMATSU-C8061 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01_15 Datasheet
1,001Kb / 12P
   Designed for InGaAs linear image sensor
C10820 HAMAMATSU-C10820_15 Datasheet
381Kb / 5P
   Driver circuit for InGaAs linear image sensor
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com