Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3XF0013-W5 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 3XF0013-W5
Description  PRI TRANSFORMERS Reinforced Insulation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

3XF0013-W5 Datasheet(HTML) 1 Page - XFMRS Inc.

  3XF0013-W5 Datasheet HTML 1Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
DUAL T1/CEPT/ISDN-PRI TRANSFORMERS
Reinforced Insulation, 3KVrms, surface mount
Part
Number
Primary
Pins
OCL @ 25°C
(mH MIN)
Turns Ratio
(Pri:Sec ± 2%)
1-3, 6-8
1-3, 6-8
16-14, 6-8
1-3, 6-8
16-14, 6-8
1-4, 5-8
1-3, 6-8
1-3, 6-8
16-14, 11-9
1-3, 11-9
16-14, 6-8
16-14, 6-8
16-14, 6-8
16-14, 6-8
1-3, 6-8
16-14, 6-8
16-14, 6-8
1-3, 6-8
1-3, 6-8
1CT:1CT & 1CT:1CT
1CT:1CT & 1CT:2CT
1CT:1.15CT & 1CT:1CT
1CT:1.15CT & 1CT:1.15CT
1CT:1.15CT & 1CT:2CT
1CS:1CS & 1CS:1.36CS
1CT:1CT & 1CT:1.36CT
1CT:1.36CT & 1CT:1.36CT
1CT:1.41CT & 1CT:1.41CT
1CT:1.41CT & 1CT:1.41CT
1CT:2CT & 1CT:1.08CT
1CT:2CT & 1CT:1.14CT
1CT:2CT & 1CT:1.36CT
1CT:2CT & 1CT:2CT
1CT:2CT & 2CT:1CT
1CT:2.3CT & 1CT:2CT
1CT:1/1.26 & 1CT:2CT
1CT:1.31CT & 2.62CT:1CT
1CT:1.26CT & 1.58CT:1CT
1.20 & 1.20
1.20 & 1.20
1.60 & 1.60
1.20 & 1.20
1.50 & 1.20
1.20 & 1.20
1.20 & 1.20
1.20 & 1.20
1.20 & 1.20
1.20 & 1.20
1.20 & 1.20
1.20 & 1.20
1.20 & 1.20
1.20 & 1.20
1.60 & 1.60
1.20 & 1.20
1.50 & 1.20
1.20 & 1.20
0.80 & 0.80
1
1
1
1
1
2
1
1
1
1
1
1
1
1
1
1
1
1
1
3XF0013-W19
3XF0013-W15
3XF0013-W40
3XF0013-W12
3XF0013-W4
3XF0013-W41
3XF0013-W42
3XF0013-W43
3XF0013-W13
3XF0013-W20
3XF0013-W9
3XF0013-W8
3XF0013-W2
3XF0013-W16
3XF0013-W44
3XF0013-W45
3XF0013-W5
3XF0013-W46
3XF0013-W11
• MEETS UL 1950, UL1459, IEC950 AND AUSTEL AS3260
• DUAL SURFACE MOUNT CONTAINS TRANSMIT AND RECEIVE XFMRS
• MATCHED TO LEADING TRANSEIVER IC's
• DESIGNED TO MEET ITU-T G.703
ELECTRICAL SPECIFICATIONS: @ 25°C
OPERATING TEMP: 0°C TO 70°C
Schematic
12
Dimensions:
Schematics:


Similar Part No. - 3XF0013-W5

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
3XF0013-W13 XFMRS-3XF0013-W13 Datasheet
66Kb / 1P
   DUAL T1/CEPT/ISDN-PRI
3XF0013-W13 XFMRS-3XF0013-W13 Datasheet
66Kb / 1P
   DUAL T1/CEPT/ISDN-PRI
3XF0013-W13 XFMRS-3XF0013-W13_15 Datasheet
66Kb / 1P
   ISDN-PRI REINFORCED
3XF0013-W15 XFMRS-3XF0013-W15 Datasheet
44Kb / 1P
   SMD TRANSFORMER FOR ISDN S-INTERFACE
3XF0013-W15 XFMRS-3XF0013-W15 Datasheet
44Kb / 1P
   SMD TRANSFORMER FOR ISDN S-INTERFACE
More results

Similar Description - 3XF0013-W5

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008 Datasheet
51Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
XF8006-11 XFMRS-XF8006-11 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS Reinforced Insulation, 3 KVrms
logo
Rhombus Industries Inc.
T-13611 RHOMBUS-IND-T-13611 Datasheet
54Kb / 1P
   T1 / CEPT / ISDN-PRI Reinforced Insulation
logo
Premier Magnetics, Inc.
PM-T1030 PMI-PM-T1030 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-IS30 PMI-PM-IS30 Datasheet
40Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED THRU-HOLE TRANSFORMERS
logo
XFMRS Inc.
3XF0013-W13 XFMRS-3XF0013-W13_15 Datasheet
66Kb / 1P
   ISDN-PRI REINFORCED
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
HALO Electronics, Inc.
TGR01-3406V6LF HALO-TGR01-3406V6LF Datasheet
461Kb / 2P
   SMD Reinforced Insulation Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com