Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSINT2012 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # APSINT2012
Description  PowerVerter짰 APS INT Series 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSINT2012 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  APSINT2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers APSINT2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers APSINT2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers APSINT2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BATTERY
Expandable Battery Runtime
Runtime is expandable with any number of user supplied wet or gel type batteries
DC System Voltage (VDC)
12
Battery Pack Accessory (Optional)
98-121 sealed lead acid battery (optional)
Battery Charge
Selectable 15 / 60 amp
LEDS ALARMS & SWITCHES
Switches
3 position on/off/remote switch enables simple on/off power control plus "auto/remote" setting that enables distant
on/off control of the inverter system when used in conjunction with optional APSRM4 accessory when used in
inverter mode. In AC uninterruptible power mode, "auto/remote" setting enables automatic transfer from line power
to battery power - to maintain continuous AC power to connected loads.
Front Panel LEDs
Set of 6 LEDs offer continuous status information on load percentage (6 levels reported) and battery charge level (7
levels reported). See manual for sequences.
PHYSICAL
Shipping Dimensions (hwd / in.)
13.25 x 15 x 21.13
Shipping Dimensions (hwd / cm)
33.66 x 38.1 x 53.66
Shipping Weight (lbs.)
46
Shipping Weight (kg)
20.9
Unit Dimensions (hwd / in.)
7 x 8.5 x 14
Unit Dimensions (hwd / cm)
17.78 x 21.59 x 35.56
Unit Weight (lbs.)
42
Unit Weight (kg)
19.1
Cooling Method
Multi-speed fan
Material of Construction
Polycarbonate
Style
Heavy-duty with built-in battery charger
Form Factors Supported
Mounting slots enable permanent placement of inverter on any horizontal surface (see manual for additional
mounting information)
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
LINE / BATTERY TRANSFER
Transfer Time (Line Power to
Battery Mode)
20 milliseconds (typical - compatible with many computers, servers and networking equipment - verify transfer time
compatibility of loads for UPS applications)
Low Voltage Transfer to Battery
Power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage drops to 144V (user adjustable to 163,
182, 201V - see manual)
High Voltage Transfer to Battery
Power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage increases to 259V (user adjustable to
264 - see manual)
3 / 4


Similar Part No. - APSINT2012

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
   2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
More results

Similar Description - APSINT2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS2012 ETC2-APS2012 Datasheet
516Kb / 6P
   PowerVerter짰 APS 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
APS2424 ETC2-APS2424 Datasheet
511Kb / 6P
   PowerVerter짰 APS 2400W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
logo
Tripp Lite. All Rights ...
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
   2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
logo
List of Unclassifed Man...
APS1250 ETC2-APS1250 Datasheet
529Kb / 6P
   PowerVerter짰 APS 1250W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS750 ETC2-APS750_14 Datasheet
533Kb / 6P
   PowerVerter짰 APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
RV1250ULHW ETC2-RV1250ULHW Datasheet
524Kb / 6P
   PowerVerter짰 1250W RV Inverter/Charger with Hardwire Input/Output
APS750 ETC2-APS750 Datasheet
161Kb / 4P
   PowerVerter APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
logo
Tripp Lite. All Rights ...
APS3636VR TRIPPLITE-APS3636VR Datasheet
187Kb / 5P
   3600W PowerVerter APS 36VDC 120V Inverter/Charger with Auto-Transfer Switching
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
   PowerVerter APS INT 2000W 12VDC 230V
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
   PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com