Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-C120 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C120
Description  3296 - 3/8 Square Trimpot Trimming Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-C120 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMX-C120 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-C120 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C120 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C120 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C120 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C120 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMX-C120 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMX-C120 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMX-C120 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Figure 16. Tape dimensions.
8.00 ± 0.30
(0.315 ± 0.012)
USER FEED
DIRECTION
DIM. A
(SEE TABLE 1)
3.50 ± 0.05
(0.138 ± 0.002)
1.75 (0.069)
DIM. C
(SEE TABLE 1)
0.20 ± 0.05
(0.008 ± 0.00
CARRIER TAPE
COVER TAPE
DIM. B
(SEE TABLE 1)
4.00 (0.157)
2.00 ± 0.05
(0.079 ± 0.002)
4.00 (0.157)
1.50 (0.059)
CATHODE
TABLE 1
DIMENSIONS IN MILLIMETERS (INCHES)
DIM. A
± 0.10 (0.004)
DIM. B
± 0.10 (0.004)
PART NUMBER
DIM. C
± 0.10 (0.004)
HSMx-C120
POSITION IN
CARRIER TAPE
DIM. B
(SEE TABLE 1)
DIM. A
(SEE TABLE 1)
HSMx-C120 SERIES
HSMx-C177 SERIES
HSMx-C197 SERIES
HSMx-C120
R 0.5 ± 0.05
(0.020 ± 0.002)
0.75 (0.030)
0.60 (0.024)
0.60 (0.024)
1.90 (0.075)
2.30 (0.091)
1.75 (0.069)
1.15 (0.045)
1.40 (0.055)
0.95 (0.037)
8.00 ± 0.30
(0.315 ± 0.012)
USER FEED
DIRECTION
DIM. A
(SEE TABLE 1)
3.50 ± 0.05
(0.138 ± 0.002)
1.75 (0.069)
DIM. C
(SEE TABLE 1)
0.20 ± 0.05
(0.008 ± 0.002)
CARRIER TAPE
COVER TAPE
DIM. B
(SEE TABLE 1)
4.00 (0.157)
2.00 ± 0.05
(0.079 ± 0.002)
4.00 (0.157)
1.50 (0.059)
HSMx-C265 SERIES
3.70 (0.146)
1.45 (0.057)
1.30 (0.051)
TABLE 1
DIMENSIONS IN MILLIMETERS (INCHES)
CATHODE
DIM. A
± 0.10 (0.004)
DIM. B
± 0.10 (0.004)
PART NUMBER
DIM. C
± 0.10 (0.004)
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE IS ± 0.1 mm (± 0.004 IN.) UNLESS OTHERWISE SPECIFIED.


Similar Part No. - HSMX-C120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C120 HP-HSMX-C120 Datasheet
310Kb / 13P
   Surface Mount Chip LEDs
More results

Similar Description - HSMX-C120

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296W-1-203 BOURNS-3296W-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296Y-1-104LF BOURNS-3296Y-1-104LF Datasheet
189Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296Y-1-101LF BOURNS-3296Y-1-101LF Datasheet
176Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296X-1-103 BOURNS-3296X-1-103 Datasheet
183Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296W-1-101 BOURNS-3296W-1-101 Datasheet
193Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296W-1-202 BOURNS-3296W-1-202 Datasheet
176Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296X-1-503 BOURNS-3296X-1-503 Datasheet
176Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296X-1-203 BOURNS-3296X-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-204 BOURNS-3296W-1-204 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296Z-1-102LF BOURNS-3296Z-1-102LF Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com