Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM7918FA Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM7918FA
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM7918FA Datasheet(HTML) 7 Page - New Japan Radio

  NJM7918FA Datasheet HTML 1Page - New Japan Radio NJM7918FA Datasheet HTML 2Page - New Japan Radio NJM7918FA Datasheet HTML 3Page - New Japan Radio NJM7918FA Datasheet HTML 4Page - New Japan Radio NJM7918FA Datasheet HTML 5Page - New Japan Radio NJM7918FA Datasheet HTML 6Page - New Japan Radio NJM7918FA Datasheet HTML 7Page - New Japan Radio NJM7918FA Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM7900
- 7 -
Ver.2014-07-31
■ TYPICAL CHARACTERISTICS
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Output Current Io[mA]
Vin=Output voltage of the conditions described in the
ELECTRICAL CHARACTERISTICS
Ta=25℃,Cin=2.2uF, Co=1.0uF(Ceramic capacitor)
Recommended Capacitor is Electrolytic Capacitor
STABLE REGION
NJM7900 Equivalent Series Resister
Vs. Output Current


Similar Part No. - NJM7918FA

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM7900 NJRC-NJM7900 Datasheet
314Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR?
NJM7900 NJRC-NJM7900 Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
NJM7900FA NJRC-NJM7900FA Datasheet
314Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR?
NJM7905FA NJRC-NJM7905FA Datasheet
344Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - NJM7918FA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com