Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNCR24FTN1540 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CNCR24FTN1540
Description  Thick Film Chip Resistor Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CNCR24FTN1540 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CNCR24FTN1540 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNCR24FTN1540 Datasheet HTML 2Page - List of Unclassifed Manufacturers CNCR24FTN1540 Datasheet HTML 3Page - List of Unclassifed Manufacturers CNCR24FTN1540 Datasheet HTML 4Page - List of Unclassifed Manufacturers CNCR24FTN1540 Datasheet HTML 5Page - List of Unclassifed Manufacturers CNCR24FTN1540 Datasheet HTML 6Page - List of Unclassifed Manufacturers CNCR24FTN1540 Datasheet HTML 7Page - List of Unclassifed Manufacturers CNCR24FTN1540 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Thick Film Chip Resistor Arrays
( Lead-Free for CNCR24 Concave Reverse Type )
Document No
TCNCR-240S001B
Revised Date
2012/11/06
page number
5 / 8
TA-I TECHNOLOGY CO., LTD
6.2 ±1% (E96 )
Resistance value is expressed by 4 digits, the first three digits represent the
significant figures of nominal resistance value inΩ, and the fourth digit
represents exponent for base of 10.
E.G. 4701 = 470×101 = 4700Ω = 4.7kΩ
7. Taping & Reel
7.1 Taping Dimensions
7.1.1 2 mm pitch paper
UNIT: mm
Type
A
B
W
F
E
P1
P2
P0
ψ
D0
T0
CNCR24
1.2±0.1
2.2±0.1
8.0±0.2
3.5±0.05 1.75±0.1 2.0±0.05 2.0±0.05
4.0±0.1
+0.1
1.5
-0
+0.2
0.6
-0
Package Type
Paper Tape
2 mm pitch
178mm / R
CNCR24
10000
7.2 Reel Specifications


Similar Part No. - CNCR24FTN1540

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC1H001 PANASONIC-CNC1H001 Datasheet
83Kb / 4P
   Optoisolator
CNC1H101 PANASONIC-CNC1H101 Datasheet
92Kb / 4P
   Optoisolators
CNC1H101 PANASONIC-CNC1H101 Datasheet
103Kb / 5P
   Optoisolators (Photocouplers)
CNC1S101 PANASONIC-CNC1S101 Datasheet
91Kb / 4P
   Optoisolators
CNC1S171 PANASONIC-CNC1S171 Datasheet
53Kb / 3P
   Optoisolator(For isolated signal transmission)
More results

Similar Description - CNCR24FTN1540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bi technologies
BCN BITECH-BCN Datasheet
135Kb / 10P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
Bourns Electronic Solut...
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-474JALF BOURNS-CAT25-474JALF Datasheet
229Kb / 3P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com