Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFS06V3T2R0 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CFS06V3T2R0
Description  Thin Film Chip Fuse
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CFS06V3T2R0 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CFS06V3T2R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CFS06V3T2R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers CFS06V3T2R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers CFS06V3T2R0 Datasheet HTML 10Page - List of Unclassifed Manufacturers CFS06V3T2R0 Datasheet HTML 11Page - List of Unclassifed Manufacturers CFS06V3T2R0 Datasheet HTML 12Page - List of Unclassifed Manufacturers CFS06V3T2R0 Datasheet HTML 13Page - List of Unclassifed Manufacturers CFS06V3T2R0 Datasheet HTML 14Page - List of Unclassifed Manufacturers CFS06V3T2R0 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Thin Film Chip Fuse
Document No
TCFS-XX0S004I
Issued date
2012/11/26
Page
11/20
TA-I TECHNOLOGY CO., LTD
■ Determination of the type of fuse
e.g., Condition :
◆ Calculating value =2.255 A ,
2.255A < rating current of fuse
◆ Normal operating voltage : DC 12 V
◆ Following bottom index-table :
Suggesting use CFS06V3T2R50 .
Part
Designation
Marking
Rated
Current
Rated
Voltage
Part
Designation
Marking
Rated
Current
Rated
Voltage
Part
Designation
Marking
Rated
Current
Rated
Voltage
CFS04V3TR50
F
0.5A
32V
CFS06V5TR40
E
0.40A
50V CFS12V6TR50
F
0.50A
63V
CFS04V3TR80
K
0.80A
32V CFS06V5TR50
F
0.5A
50V CFS12V6TR80
K
0.80A
63V
CFS04V3T1R0
L
1.00A
32V CFS06V3TR63
I
0.63A
32V CFS12V6T1R0
L
1.00A
63V
CFS04V3T1R25
M
1.25A
32V CFS06V3TR70
J
0.7A
32V CFS12V6T1R25
M
1.25A
63V
CFS04V3T1R50
P
1.50A
32V CFS06V3TR80
K
0.80A
32V CFS12V6T1R50
P
1.50A
63V
CFS04V3T1R60
N
1.60A
32V CFS06V3T1R0
L
1.00A
32V CFS12V6T2R0
S
2.00A
63V
CFS04V3T2R0
S
2.00A
32V CFS06V3T1R25
M
1.25A
32V CFS12V3T2R50
T
2.50A
32V
CFS04V3T2R50
T
2.50A
32V CFS06V3T1R50
P
1.50A
32V CFS12V3T3R00
3
3.00A
32V
CFS04V3T3R0
3
3.00A
32V CFS06V3T1R60
N
1.60A
32V CFS12V3T4R0
W
4.00A
32V
CFS04V3T3R15
U
3.15A
32V CFS06V3T2R0
S
2.00A
32V CFS12V3T5R0
Y
5.00A
32V
CFS04V3T4R0
W
4.00A
32V CFS06V3T2R50
T
2.50A
32V CFS12V3T7R0
Z
7.00A
32V
CFS06V3T3R00
3
3.00A
32V
CFS06V3T3R15
U
3.15A
32V
CFS06V3T4R0
W
4.00A
32V
CFS06V3T5R0
Y
5.00A
32V
CFS06V3T6R0
6
6.00A
32V
Inrush current :
◆ Considering inrush waveform & calculate
I2t
(A2s) value
Choosing fuse’s I2t (A2s) value > calculate I2t (A2s) value
◆ Considering Ratio of I2t repeat numbers to blowing .
◆ Confirm with us.
e.g., choosing 0603 Fuse
Condition :
1.
Rectangular Wave
, Ip = 4 A
, t = 1 ( ms )
,
Calculate Ip2t = 42 x 1 x 10 3 = 0.016
(A2s)
2.
Choosing
CFS06V3T2R50 ( I2t = 0.200
(A2s) ) ,
3.
Inrush shock : 100,000 times ( ≒0.35 )
Page 12 index-table
Inrush derating ratio


Similar Part No. - CFS06V3T2R0

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
CFS0.125W100RGTB TOKEN-CFS0.125W100RGTB Datasheet
356Kb / 3P
   CF Carbon Film Resistors
CFS0.125W100RJTB TOKEN-CFS0.125W100RJTB Datasheet
356Kb / 3P
   CF Carbon Film Resistors
CFS0.125W10KGTB TOKEN-CFS0.125W10KGTB Datasheet
356Kb / 3P
   CF Carbon Film Resistors
CFS0.125W10KJTB TOKEN-CFS0.125W10KJTB Datasheet
356Kb / 3P
   CF Carbon Film Resistors
CFS0.125W10MGTB TOKEN-CFS0.125W10MGTB Datasheet
356Kb / 3P
   CF Carbon Film Resistors
More results

Similar Description - CFS06V3T2R0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
logo
KOA Speer Electronics, ...
TF10BN KOA-TF10BN Datasheet
125Kb / 2P
   thin film chip fuse
TF16SN125TTE KOA-TF16SN125TTE Datasheet
270Kb / 2P
   thin film chip fuse
logo
List of Unclassifed Man...
CPS06V5TR50 ETC-CPS06V5TR50 Datasheet
1Mb / 19P
   Thin Film Chip Fuse
CF04V3TR315 ETC-CF04V3TR315 Datasheet
1Mb / 20P
   Thin Film Chip Fuse
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com