Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ13A Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMBJ13A
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMBJ13A Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMBJ13A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ13A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ13A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ13A Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TRR
Industry No.
TRR
House No.
Marking Code
Breakdown
Voltage at IT
(1)
V(BR) (V)
Test
Current
Stand-off
Voltage
Maximum
Reverse
Leakage
at VWM
Maximum
Peak Pulse
Surge
Current
(2)
Maximum
Clamping
Voltage
at IPPM
UNI
BI
Min
Max
IT (mA) VWM (V)
ID (µA)
IPPM (A)
VC (V)
SMBJ33A
6BT33A
MM
CM
36.70
40.60
1.0
33.0
1
11.3
53.3
SMBJ36
6BT36
MN
CN
40.00
48.90
1.0
36.0
1
9.3
64.3
SMBJ36A
6BT36A
MP
CP
40.00
44.20
1.0
36.0
1
10.3
58.1
SMBJ40
6BT40
MQ
CQ
44.40
54.30
1.0
40.0
1
8.4
71.4
SMBJ40A
6BT40A
MR
CR
44.40
49.10
1.0
40.0
1
9.3
64.5
SMBJ43
6BT43
MS
CS
47.80
58.40
1.0
43.0
1
7.8
76.7
SMBJ43A
6BT43A
MT
CT
47.80
52.80
1.0
43.0
1
8.6
69.4
SMBJ45
6BT45
MU
CU
50.00
61.10
1.0
45.0
1
7.5
80.3
SMBJ45A
6BT45A
MV
CV
50.00
55.3
1.0
45.0
1
8.3
72.7
SMBJ48
6BT48
MW
CW
53.30
65.10
1.0
48.0
1
7.0
85.5
SMBJ48A
6BT48A
MX
CX
53.30
58.9
1.0
48.0
1
7.8
77.4
SMBJ51
6BT51
MY
CY
56.70
69.30
1.0
51.0
1
6.6
91.1
SMBJ51A
6BT51A
MZ
CZ
56.70
62.7
1.0
51.0
1
7.3
82.4
SMBJ54
6BT54
ND
DD
60.00
73.3
1.0
54.0
1
6.2
96.3
SMBJ54A
6BT56B
NE
DE
60.0
66.3
1.0
54.0
1.0
6.9
87.1
SMBJ58
6BT58
NF
DF
64.4
78.7
1.0
58.0
1.0
5.8
103.0
SMBJ58A
6BT58A
NG
DG
64.4
71.2
1.0
58
1.0
6.4
93.6
SMBJ60
6BT60
NH
DH
66.7
81.5
1.0
60
1.0
5.6
107.0
SMBJ60A
6BT60A
NK
DK
66.7
73.7
1.0
60
1.0
6.2
96.8
SMBJ64
6BT64
NL
DL
71.1
86.9
1.0
64
1.0
5.3
114.0
SMBJ64A
6BT66B
NM
DM
71.1
78.6
1.0
64
1.0
5.8
103.0
SMBJ70
6BT70
NN
DN
77.8
95.1
1.0
70
1.0
4.8
125.0
SMBJ70A
6BT70A
NP
DP
77.8
86.0
1.0
70
1.0
5.3
113.0
SMBJ75
6BT75
NQ
DQ
83.3
102.0
1.0
75
1.0
4.5
134.0
SMBJ75A
6BT75A
NR
DR
83.3
92.1
1.0
75
1.0
5.0
121.0
SMBJ78
6BT78
NS
DS
86.7
106.0
1.0
78
1.0
4.3
139.0
SMBJ78A
6BT78A
NT
DT
86.7
95.8
1.0
78
1.0
4.7
126.0
SMBJ85
6BT85
NU
DU
94.4
115.0
1.0
85
1.0
3.9
151.0
SMBJ85A
6BT85A
NV
DV
94.4
104.0
1.0
85
1.0
4.4
137.0
SMBJ90
6BT90
NW
DW
100.0
122.0
1.0
90
1.0
3.8
160.0
SMBJ90A
6BT90A
NX
DX
100.0
111.0
1.0
90
1.0
4.1
146.0
SMBJ100
6BT100
NY
DY
111.0
136.0
1.0
100
1.0
3.4
179.0
SMBJ100A
6BT100A
NZ
DZ
111.0
123.0
1.0
100
1.0
3.7
162.0
SMBJ110
6BT110
PD
ED
122.0
149.0
1.0
110
1.0
3.1
196.0
SMBJ110A
6BT110A
PE
EE
122.0
135.0
1.0
110
1.0
3.4
177.0
SMBJ120
6BT120
PF
VF
133.0
163.0
1.0
120
1.0
2.8
214.0
SMBJ120A
6BT120A
PG
VG
133.0
147.0
1.0
120
1.0
3.1
193.0
SMBJ130
6BT130
PH
VH
144.0
176.0
1.0
130
1.0
2.6
231.0
SMBJ130A
6BT130A
PK
VK
144.0
159.0
1.0
130
1.0
2.9
209.0
SMBJ150
6BT150
PL
VL
167.0
204.0
1.0
150
1.0
2.2
268.0
SMBJ150A
6BT150A
PM
VM
167.0
185.0
1.0
150
1.0
2.5
243.0
SMBJ160
6BT160
PN
VN
178.0
218.0
1.0
160
1.0
2.1
287.0
SMBJ160A
6BT160A
PP
VP
178.0
197.0
1.0
160
1.0
2.3
259.0
SMBJ170
6BT170
PQ
VQ
189.0
231.0
1.0
170
1.0
2.0
304.0
SMBJ170A
6BT170A
PR
VR
189.0
209.0
1.0
170
1.0
2.2
275.0
SMBJ188
6BT188
PS
VS
209.0
255.0
1.0
188
1.0
1.7
344.0
SMBJ188A
6BT188A
PT
VT
209.0
231.0
1.0
188
1.0
2.0
328.0
Notes:
(1) Pulse test : Tp ≦ 50ms
(2) Surge current waveform Per Fig. 3 and derate Per Fig. 2
(3) Ratings at 25°C ambient temperature unless otherwise specified.
http://www.trr-jx.com
SMBJ5.0 THRU SMBJ188A
TRANSIENT VOLTAGE SUPPRESSORS


Similar Part No. - SMBJ13A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ13A LITTELFUSE-SMBJ13A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
HuaXinAn Electronics CO...
SMBJ13A HUAXINAN-SMBJ13A Datasheet
450Kb / 6P
   Transient Voltage Suppressors
logo
StarHope
SMBJ13A SPSEMI-SMBJ13A Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Jinan Gude Electronic D...
SMBJ13A JGD-SMBJ13A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ13A SOCAY-SMBJ13A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ13A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com