Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP2272 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PP2272
Description  Heat Shrink Tubing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP2272 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PP2272 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP2272 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP2272 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP2272 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <3>
V1.2
14/06/13
Heat Shrink Tubing
2:1 Ratio
Size
(In.)
Color
Expanded
Inner
Dia. (In.)
Recovered
Inner
Dia. (In.)
Spools
4 Ft. Lengths
6 In. Lengths
Part
Number
Spool
Size
(Ft.)
Part
Number
Lengths
per
Bag
Total
Footage
Part
Number
Lengths
per
Bag
Total
Footage
1/4
Yellow
0.25
0.125
PP2287
100
PP2288
25
100
PP2289
20
10
3/8
Yellow
0.375
0.188
PP2290
100
PP2291
25
100
PP2292
16
8
1/2
Yellow
0.5
0.25
PP2293
100
PP2294
5
20
PP2295
14
7
3/4
Yellow
0.75
0.375
PP2296
50
PP2297
5
20
PP2298
12
6
1
Yellow
1
0.5
PP2299
50
PP2300
5
20
PP2301
8
4
1-1/2 Yellow
1.5
0.75
PP2302
50
PP2303
5
20
PP2304
5
2.5
2
Yellow
2
1
PP2305
50
PP2306
5
20
PP2307
3
1.5
3/64
Red
0.047
0.024
PP2308
100
PP2309
25
100
PP2310
40
20
1/16
Red
0.063
0.031
PP2311
100
PP2312
25
100
PP2313
36
18
3/32
Red
0.094
0.047
PP2314
100
PP2315
25
100
PP2316
32
16
1/8
Red
0.125
0.063
PP2317
100
PP2318
25
100
PP2319
28
14
3/16
Red
0.188
0.094
PP2320
100
PP2321
25
100
PP2322
24
12
1/4
Red
0.25
0.125
PP2323
100
PP2324
25
100
PP2325
20
10
3/8
Red
0.375
0.188
PP2326
100
PP2327
25
100
PP2328
16
8
1/2
Red
0.5
0.25
PP2329
100
PP2330
5
20
PP2331
14
7
3/4
Red
0.75
0.375
PP2332
50
PP2333
5
20
PP2334
12
6
1
Red
1
0.5
PP2335
50
PP2336
5
20
PP2337
8
4
1-1/2
Red
1.5
0.75
PP2338
50
PP2339
5
20
PP2340
5
2.5
2
Red
2
1
PP2341
50
PP2342
5
20
PP2343
3
1.5
3/64 Green
0.047
0.024
PP2344
100
PP2345
25
100
PP2346
40
20
1/16 Green
0.063
0.031
PP2347
100
PP2348
25
100
PP2349
36
18
3/32 Green
0.094
0.047
PP2350
100
PP2351
25
100
PP2352
32
16
1/8
Green
0.125
0.063
PP2353
100
PP2354
25
100
PP2355
28
14
3/16 Green
0.188
0.094
PP2356
100
PP2357
25
100
PP2358
24
12
1/4
Green
0.25
0.125
PP2359
100
PP2360
25
100
PP2361
20
10
3/8
Green
0.375
0.188
PP2362
100
PP2363
25
100
PP2364
16
8
1/2
Green
0.5
0.25
PP2365
100
PP2366
5
20
PP2367
14
7
3/4
Green
0.75
0.375
PP2368
50
PP2369
5
20
PP2370
12
6
1
Green
1
0.5
PP2371
50
PP2372
5
20
PP2373
8
4
1-1/2 Green
1.5
0.75
PP2374
50
PP2375
5
20
PP2376
5
2.5
2
Green
2
1
PP2377
50
PP2378
5
20
PP2379
3
1.5
3/64
Blue
0.047
0.024
PP2380
100
PP2381
25
100
PP2382
40
20
1/16
Blue
0.063
0.031
PP2383
100
PP2384
25
100
PP2385
36
18
3/32
Blue
0.094
0.047
PP2386
100
PP2387
25
100
PP2388
32
16
Part Number Table


Similar Part No. - PP2272

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PP22 VISHAY-PP22 Datasheet
109Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
   THERMOCOUPLE DATA LOGGER
logo
Pico Technology Ltd.
PP222 PICO-PP222 Datasheet
9Mb / 11P
   Cloud-connected 8-channel thermocouple data logger
logo
Powerex Power Semicondu...
PP225D060 POWEREX-PP225D060 Datasheet
363Kb / 6P
   POW-R-PAK 200A / 1200V 3 phase IGBT Assembly
PP225D120 POWEREX-PP225D120 Datasheet
363Kb / 6P
   POW-R-PAK 225A / 1200V Half Bridge IGBT Assembly
More results

Similar Description - PP2272

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
   HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com