Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB10ATJ1001 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RB10ATJ1001
Description  Thin Film Chip Resistors RB series Standard
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RB10ATJ1001 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RB10ATJ1001 Datasheet HTML 1Page - List of Unclassifed Manufacturers RB10ATJ1001 Datasheet HTML 2Page - List of Unclassifed Manufacturers RB10ATJ1001 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB10ATJ1001 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB10ATJ1001 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB10ATJ1001 Datasheet HTML 6Page - List of Unclassifed Manufacturers RB10ATJ1001 Datasheet HTML 7Page - List of Unclassifed Manufacturers RB10ATJ1001 Datasheet HTML 8Page - List of Unclassifed Manufacturers RB10ATJ1001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Thin Film Chip Resistors
RB series Standard
(Halogen –Free)
Document No
TRB-XX0S031M
Issued date
2013/01/17
page
5/13
TA-I TECHNOLOGY CO., LTD
6. Reliability Tests:
Test Items
Reference
standard
Condition of Test
Test Limits
Temperature Coefficient of
Resistance
IEC60115-1-4.8
JIS C5201-1-4.8
+25 ~ +125 ℃
Refer 5.0
Rapid Change of Temp.
IEC60115-1-4.19
JIS C 5201-1-4.19
-55℃(30 min. ) / +155℃(30 min. ),
300 cycles
±(0.5%+0.05Ω)
Short Time Overload
IEC60115-1-4.13
JIS C5201-1-4.13
2.5 X rated voltage for 5sec
±(0.5% + 0.05Ω)
Resistance to Dry Heat
IEC60115-1-4.23.2
JIS C5201-1-4.23.2
155±5℃ for 96±4Hrs
±(0.5% +0.05Ω)
Load Life
IEC60115-1-4.25.1
JIS C5201-1-4.25.1
1000 hours at rated power , 70℃ ,
1.5hours“ON “, 0.5hour “OFF”
±(0.5% +0.05Ω)
Resistance to Solder Heat
IEC60115-1-4.18
JIS C5201-1-4.18
260 ±5℃ solder , 10 ±1 sec dwell . 0.1%:±(0.25% +0.05Ω)
0.5%.1%:±(0.5% +0.05Ω)
Bending
IEC60115-1-4.33
JIS C5201-1-4.33
3mm deflection
±(0.5% +0.05Ω)
Dielectric
Withstanding
Voltage (Voltage Proof)
IEC60115-1-4.7
JIS C5201-1-4.7
Applying voltage :
0402 & 0603 : 300V The other
500V for a minute .
No abnormalities such as
flashover,
burning
dielectric breakdown shall
appear.
Load Life with Humidity
IEC60115-1-4.24
JIS C5201-1-4.24
1000 hours 85°C/85%RH. Note:
Specified conditions: 10% of
operating power(not exceeding max
working voltage). Measurement at
24±2 hours after test conclusion.
(MSL: Level 1)
±(0.5% +0.05Ω)
Insulation Resistance
IEC60115-1-4.6
JIS C5201-1-4.6
Applying voltage 100V for 1 minute. ≧1GΩ
Solderability
IEC60115-1-4.17
JIS C5201-1-4.17
245 ±5℃ solder, 2 ±0.5 sec dwell.
Solder : Sn96.5 / Ag3.0 / Cu0.5
At least 95% of surface
area of electrode shall be
covered with new solder.
Note* :RCWV : Rated continuous working voltage .
MSL : Moisture Sensitivity Level .


Similar Part No. - RB10ATJ1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB10-X331 ETC2-RB10-X331 Datasheet
633Kb / 14P
   Absorbing impact and noise
RB1006 ETC2-RB1006 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RB1007 ETC2-RB1007 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
logo
Allied Components Inter...
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB10ATJ1001

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com