Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL10GTNR050 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RL10GTNR050
Description  Alloy Film Chip Resistors Low Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RL10GTNR050 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RL10GTNR050 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL10GTNR050 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL10GTNR050 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL10GTNR050 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL10GTNR050 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL10GTNR050 Datasheet HTML 6Page - List of Unclassifed Manufacturers RL10GTNR050 Datasheet HTML 7Page - List of Unclassifed Manufacturers RL10GTNR050 Datasheet HTML 8Page - List of Unclassifed Manufacturers RL10GTNR050 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TA-I
Alloy Film Chip Resistors
Low Resistance (50-91 mΩ)
Halogen-Free
Document No
TRL-100S050E
Issued date
2014/02/19
Page.
4 / 9
TA-I TECHNOLOGY CO., LTD
6. Reliability Tests:
Test Items
Reference
standard
Condition of Test
Test Limits
Temperature Coefficient of
Resistance
IEC60115-1-4.8
JIS-C5201-1-4.8
-55 ~ +125
Refer to paragraph 5
Short Time Overload
IEC60115-1-4.13
JIS-C5201-1-4.13
2.5 X rated voltage, 5s
1%:
 (1%+0.005  )
2%,5%:
 (3%+0.005  )
Load Life
IEC60115-1-4.25.1
JIS-C5201-1-4.25.1
1000 hours at rated power , 70
, 1.5hours
“ON “, 0.5hour “OFF”
1%:
 (1%+0.001  )
2%,5%:
 (3%+0.001  )
Load Life with Humidity
IEC60115-1-4.24
JIS-C5201-1-4.24
1000 hours at rated power , 40
2,
90 ~ 95% RH 1.5hours “ON “, 0.5hour “OFF”
1%:
 (1%+0.001  )
2%,5%:
 (3%+0.001  )
Rapid Change of Temperature
IEC60115-1-4.19
JIS-C5201-1-4.19 - 55(30 min. ) / +155 (30 min. ) 5 cycles
 1%+0.005 
Resistance to Soldering Heat
IEC60115-1-4.18
JIS-C5201-1-4.18 270 5solder , 10 1 sec dwell .
 1%+0.005 
Solderability
IEC60115-1-4.17
JIS-C5201-1-4.17
245±5℃ solder, 2±0.5 sec dwell.
Solder : Sn96.5 / Ag3.0 / Cu0.5
At least 95% of surface area
of electrode shall be covered
with new solder.
Robustness of Termination
(Bending Strength)
IEC60115-1-4.33
JIS-C5201-1-4.33
3mm deflection
 1%+0.005Ω
Resistance to Dry Heat
IEC60115-1-4.23.2
JIS-C5201-1-4.23.2 155 5for 96 4hrs
1%:
 (1%+0.005  )
2%,5%:
 (2%+0.005  )
Note* :RCWV : Rated continuous working voltage .
7. Marking
Resistance value is expressed by 4 digits, the first “R” means decimal point
and the other digits represent for the normal resistance in
.
e.g., R050 =50 m


Similar Part No. - RL10GTNR050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10GTNR10 ETC-RL10GTNR10 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL10GTNR100 ETC-RL10GTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
More results

Similar Description - RL10GTNR050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10FTNR100 ETC-RL10FTNR100 Datasheet
894Kb / 10P
   Alloy Film Chip Resistors Low Resistance
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com