Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH12GT106 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RH12GT106
Description  Thick Film High Voltage Lead-Free Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RH12GT106 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RH12GT106 Datasheet HTML 2Page - List of Unclassifed Manufacturers RH12GT106 Datasheet HTML 3Page - List of Unclassifed Manufacturers RH12GT106 Datasheet HTML 4Page - List of Unclassifed Manufacturers RH12GT106 Datasheet HTML 5Page - List of Unclassifed Manufacturers RH12GT106 Datasheet HTML 6Page - List of Unclassifed Manufacturers RH12GT106 Datasheet HTML 7Page - List of Unclassifed Manufacturers RH12GT106 Datasheet HTML 8Page - List of Unclassifed Manufacturers RH12GT106 Datasheet HTML 9Page - List of Unclassifed Manufacturers RH12GT106 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Thick Film High Voltage Lead-Free Chip
Resistors (Standard )
Halogen-Free
Document No.
TRH-XX0S001I
Revise Date
2012/07/04
page number
7/10
TA-I TECHNOLOGY CO., LTD
8.3 Peel –off force :
Peel –off force of paper and blister tape is in accordance with “JIS ”
that is , 0.1 to 0.7 N at a peel-off speed of 300 mm / minute.
pull
top cover tape
300 mm/min
10 ~ 15°
standard: 0.1 ~ 0.7 N
carrier tape
9. Label
9.1 Manufacture Label
Date Code Resistance Tolerance TYPE
Lot No:
Manufacture Label
High Voltage Package
9.2 Customer Label( By customer request ):
Lead-Free Products
Product Spec.
Customer No:
Date
Date
Year Month
QTY: 4000 PCS
106
H JEN
12170012K-
0121
2010
TA-I TECH
LEAD FREE
2010 5%(E) 10MΩ
105A702723 RH20JEN106
04.05.21
Lead-Free


Similar Part No. - RH12GT106

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RH1200A SUNMATE-RH1200A Datasheet
376Kb / 2P
   SURFACE MOUNT HIGH VLTAGE RECTIFEER DIODES
logo
List of Unclassifed Man...
RH1237SC ETC-RH1237SC Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
RH1244SC ETC-RH1244SC Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Okaya Electric America,...
RH128160T-009-F OKAYA-RH128160T-009-F Datasheet
152Kb / 2P
   Screen Size: 1.8??Diagonal
More results

Similar Description - RH12GT106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com