Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN32JTN1540 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CN32JTN1540
Description  Thick Film Chip Resistor Networks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CN32JTN1540 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CN32JTN1540 Datasheet HTML 1Page - List of Unclassifed Manufacturers CN32JTN1540 Datasheet HTML 2Page - List of Unclassifed Manufacturers CN32JTN1540 Datasheet HTML 3Page - List of Unclassifed Manufacturers CN32JTN1540 Datasheet HTML 4Page - List of Unclassifed Manufacturers CN32JTN1540 Datasheet HTML 5Page - List of Unclassifed Manufacturers CN32JTN1540 Datasheet HTML 6Page - List of Unclassifed Manufacturers CN32JTN1540 Datasheet HTML 7Page - List of Unclassifed Manufacturers CN32JTN1540 Datasheet HTML 8Page - List of Unclassifed Manufacturers CN32JTN1540 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Thick Film Chip Resistor Arrays
Thick Film Chip Resistor Networks
(Lead-Free for CN Series Standard)
Halogen-Free
Document No. TCN-XX0S001R
Revise Date
2012/11/07
page number
4 /11
TA-I TECHNOLOGY CO., LTD
4. Ratings & Characteristics :
Type
Power
Rating
at 70℃
Rating
Voltage
Max.
Working
Voltage
Max.
Over Load
Voltage
Operating
Temp.
(℃)
Resistance
Tolerance
(%)
Resistance
Range
(Ω)
Temp
Co-efficient
PPM/℃
CN22
1/16W
Refer 4.2
25V
50V
-55
+125℃
±
5%
±
2%
±
1%
10Ω~1MΩ
±
250
CN24
CN28
CN32
50V
100V
10Ω~1MΩ
±
200
CN34
50V
100V
CN35
25V
50V
±
5%
56Ω~100kΩ
±
200
CN34
50V
100V
3.0Ω~9.1Ω
±
400
CN32
CN22
25V
50V
±
500
CN24
0
Ω THICK FILE CHIP RESISTOR ARRAYS
Type
Rate Current
Max Overload Current
Resistance Range
CN Series
1A
2.5A
50mΩ MAX
4.1 Derating Curve :
For resistors operated at ambient temperature over 70℃ , power rating shall be derated in
accordance with figure 1.
Figure 1
4.2 Rated Voltage:
The rated voltage is calculated by the following formula:
E=
P * R
E=Rated Voltage(V)
P=Rated Power(W)
R=Resistance Value(Ω)
E.G. : What is CN34JTN102 the rated voltage ?
CN34JTN102 P:1/16W ; R:102 = 1KΩ = 1000Ω
E =
0.0625(W) * 1000(Ω)
= 7.9 (V)
125


Similar Part No. - CN32JTN1540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN32JT0 ETC-CN32JT0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
More results

Similar Description - CN32JTN1540

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
ABCO ELECTRONICS CO.LTD
ANR9X472J ABCO-ANR9X472J Datasheet
560Kb / 2P
   THICK FILM RESISTOR NETWORKS
logo
Bourns Electronic Solut...
4B04B BOURNS-4B04B Datasheet
109Kb / 1P
   Thick Film Surge Resistor Networks
logo
List of Unclassifed Man...
898 ETC1-898 Datasheet
174Kb / 4P
   DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
   Thick Film, Dual-in-Line Resistor Networks
Revision: 21-Aug-06
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
   Dual-In-Line Thick Film Resistor Networks
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com