Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP2241 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PP2241
Description  Heat Shrink Tubing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP2241 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PP2241 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP2241 Datasheet HTML 2Page - List of Unclassifed Manufacturers PP2241 Datasheet HTML 3Page - List of Unclassifed Manufacturers PP2241 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.2
14/06/13
Heat Shrink Tubing
2:1 Ratio
Size
(In.)
Color
Expanded
Inner
Dia. (In.)
Recovered
Inner
Dia. (In.)
Spools
4 Ft. Lengths
6 In. Lengths
Part
Number
Spool
Size
(Ft.)
Part
Number
Lengths
per
Bag
Total
Footage
Part
Number
Lengths
per
Bag
Total
Footage
1/2
Black
0.5
0.25
PP1645
100
PP1657
5
20
PP1669
14
7
3/4
Black
0.75
0.375
PP1646
50
PP1658
5
20
PP1670
12
6
1
Black
1
0.5
PP1647
50
PP1659
5
20
PP1671
8
4
1-1/2 Black
1.5
0.75
PP1648
50
PP1660
5
20
PP1672
5
2.5
2
Black
2
1
PP1649
50
PP1661
5
20
PP1673
3
1.5
3/64
Clear
0.047
0.024
PP1674
100
PP1686
25
100
PP1698
40
20
1/16
Clear
0.063
0.031
PP1675
100
PP1687
25
100
PP1699
36
18
3/32
Clear
0.094
0.047
PP1676
100
PP1688
25
100
PP1700
32
16
1/8
Clear
0.125
0.063
PP1677
100
PP1689
25
100
PP1701
28
14
3/16
Clear
0.188
0.094
PP1678
100
PP1690
25
100
PP1702
24
12
1/4
Clear
0.25
0.125
PP1679
100
PP1691
25
100
PP1703
20
10
3/8
Clear
0.375
0.188
PP1680
100
PP1692
25
100
PP1704
16
8
1/2
Clear
0.5
0.25
PP1681
100
PP1693
5
20
PP1705
14
7
3/4
Clear
0.75
0.375
PP1682
50
PP1694
5
20
PP1706
12
6
1
Clear
1
0.5
PP1683
50
PP1695
5
20
PP1707
8
4
1-1/2 Clear
1.5
0.75
PP1684
50
PP1696
5
20
PP1708
5
2.5
2
Clear
2
1
PP1685
50
PP1697
5
20
PP1709
3
1.5
3/64
White
0.047
0.024
PP2236
100
PP2237
25
100
PP2238
40
20
1/16
White
0.063
0.031
PP2239
100
PP2240
25
100
PP2241
36
18
3/32
White
0.094
0.047
PP2242
100
PP2243
25
100
PP2244
32
16
1/8
White
0.125
0.063
PP2245
100
PP2246
25
100
PP2247
28
14
3/16
White
0.188
0.094
PP2248
100
PP2249
25
100
PP2250
24
12
1/4
White
0.25
0.125
PP2251
100
PP2252
25
100
PP2253
20
10
3/8
White
0.375
0.188
PP2254
100
PP2255
25
100
PP2256
16
8
1/2
White
0.5
0.25
PP2257
100
PP2258
5
20
PP2259
14
7
3/4
White
0.75
0.375
PP2260
50
PP2261
5
20
PP2262
12
6
1
White
1
0.5
PP2263
50
PP2264
5
20
PP2265
8
4
1-1/2 White
1.5
0.75
PP2266
50
PP2267
5
20
PP2268
5
2.5
2
White
2
1
PP2269
50
PP2270
5
20
PP2271
3
1.5
3/64 Yellow
0.047
0.024
PP2272
100
PP2273
25
100
PP2274
40
20
1/16 Yellow
0.063
0.031
PP2275
100
PP2276
25
100
PP2277
36
18
3/32 Yellow
0.094
0.047
PP2278
100
PP2279
25
100
PP2280
32
16
1/8
Yellow
0.125
0.063
PP2281
100
PP2282
25
100
PP2283
28
14
3/16 Yellow
0.188
0.094
PP2284
100
PP2285
25
100
PP2286
24
12
Part Number Table


Similar Part No. - PP2241

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PP22 VISHAY-PP22 Datasheet
109Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
   THERMOCOUPLE DATA LOGGER
logo
Pico Technology Ltd.
PP222 PICO-PP222 Datasheet
9Mb / 11P
   Cloud-connected 8-channel thermocouple data logger
logo
Powerex Power Semicondu...
PP225D060 POWEREX-PP225D060 Datasheet
363Kb / 6P
   POW-R-PAK 200A / 1200V 3 phase IGBT Assembly
PP225D120 POWEREX-PP225D120 Datasheet
363Kb / 6P
   POW-R-PAK 225A / 1200V Half Bridge IGBT Assembly
More results

Similar Description - PP2241

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
   HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com