Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLH20JECR100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RLH20JECR100
Description  High Power Low Resistance Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLH20JECR100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RLH20JECR100 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLH20JECR100 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLH20JECR100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLH20JECR100 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLH20JECR100 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLH20JECR100 Datasheet HTML 6Page - List of Unclassifed Manufacturers RLH20JECR100 Datasheet HTML 7Page - List of Unclassifed Manufacturers RLH20JECR100 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
High Power Low Resistance
Chip Resistors (RLH20 Series)
Document No
TRLH-20OS001C
Issued date
2012/10/18
Page
2/8
TA-I TECHNOLOGY CO., LTD
5. Dimensions:
Unit: mm
Item
L
w
c
d
t
RLH20
5
±0.20
2.5
±0.25
0.6
±0.30
0.5
±0.25
0.6
±0.10
6. Derating Curve :
For resistors operated at ambient temperature over 70℃, power rating shall be derated in
accordance with figure 1.
R100
Ambient Temp.(
)
P max
Figure 1


Similar Part No. - RLH20JECR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLH25FECR100 ETC-RLH25FECR100 Datasheet
472Kb / 8P
   High Power Low Resistance Chip Resistors
RLH25FEDR100 ETC-RLH25FEDR100 Datasheet
472Kb / 8P
   High Power Low Resistance Chip Resistors
RLH25FEER100 ETC-RLH25FEER100 Datasheet
472Kb / 8P
   High Power Low Resistance Chip Resistors
RLH25GECR100 ETC-RLH25GECR100 Datasheet
472Kb / 8P
   High Power Low Resistance Chip Resistors
RLH25GEDR100 ETC-RLH25GEDR100 Datasheet
472Kb / 8P
   High Power Low Resistance Chip Resistors
More results

Similar Description - RLH20JECR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
   High Power Low Resistance Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
WLCR32-R10JV HOKURIKU-WLCR32-R10JV Datasheet
153Kb / 2P
   High Power Low Resistance Chip Resistors
logo
List of Unclassifed Man...
RLH25FECR100 ETC-RLH25FECR100 Datasheet
472Kb / 8P
   High Power Low Resistance Chip Resistors
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Bourns Electronic Solut...
CRH1206-LF BOURNS-CRH1206-LF Datasheet
290Kb / 2P
   High resistance chip resistors
CRH0805 BOURNS-CRH0805 Datasheet
265Kb / 2P
   High resistance chip resistors
CRH0603-LF BOURNS-CRH0603-LF Datasheet
267Kb / 2P
   High resistance chip resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
   Low Resistance Precision Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com